Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4961TIQT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4961TIQT
Description  Mono class D audio power amplifier with dedicated analog switch
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961TIQT Datasheet(HTML) 5 Page - STMicroelectronics

  TS4961TIQT Datasheet HTML 1Page - STMicroelectronics TS4961TIQT Datasheet HTML 2Page - STMicroelectronics TS4961TIQT Datasheet HTML 3Page - STMicroelectronics TS4961TIQT Datasheet HTML 4Page - STMicroelectronics TS4961TIQT Datasheet HTML 5Page - STMicroelectronics TS4961TIQT Datasheet HTML 6Page - STMicroelectronics TS4961TIQT Datasheet HTML 7Page - STMicroelectronics TS4961TIQT Datasheet HTML 8Page - STMicroelectronics TS4961TIQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
TS4961T
Absolute maximum ratings and operating conditions
5/49
Table 6.
Pin description
Name
Pin number
Function
VCCA
6
Class D audio amplifier power supply voltage input pin
VCCS
2
Analog switch power supply voltage input pin
/STDBY
12
Standby input pin (active low) to disable the audio amplifier
T1
1
Independent output audio channel 1
D2
3
Common input audio channel 2
SL2
4
Select input pin for D2 to T2 (active high)
OUT+
5
Positive differential audio output
GNDA
7
Audio amplifier input ground
OUT-
8
Negative differential audio output
T2
9
Independent output audio channel 2
GNDS
10
Analog switch input ground
SL1
11
Select input pin for D1 to T1 (active high)
D1
13
Common input audio channel 1
NC
14
No internal connection
IN-
15
Audio negative differential input
IN+
16
Audio positive differential input
E-Pad
-
Exposed pad (should be connected to GND)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TS4961TIQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962 STMICROELECTRONICS-TS4962 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
TS4962EIJT STMICROELECTRONICS-TS4962EIJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962EKIJT STMICROELECTRONICS-TS4962EKIJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962IJT STMICROELECTRONICS-TS4962IJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
More results

Similar Description - TS4961TIQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
   Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com