Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1851 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS1851
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1851 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS1851 Datasheet HTML 2Page - STMicroelectronics TS1851 Datasheet HTML 3Page - STMicroelectronics TS1851 Datasheet HTML 4Page - STMicroelectronics TS1851 Datasheet HTML 5Page - STMicroelectronics TS1851 Datasheet HTML 6Page - STMicroelectronics TS1851 Datasheet HTML 7Page - STMicroelectronics TS1851 Datasheet HTML 8Page - STMicroelectronics TS1851 Datasheet HTML 9Page - STMicroelectronics TS1851 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
TS185x, TS185xA
6/24
Doc ID 6991 Rev 4
Table 5.
Electrical characteristics measured at VCC+ = +3 V, VCC- = 0 V, with CL and RL connected to
VCC/2, Tamb = 25°C (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = Vout = VCC/2
TS1851/2/4
Tmin ≤ Tamb ≤ Tmax
TS1851A/2A/4A
Tmin ≤ Tamb ≤ Tmax
0.1
3
6
1
1.5
mV
ΔVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
Vicm = Vout = VCC/2
(2)
Tmin ≤ Tamb ≤ Tmax
19
25
nA
Iib
Input bias current
Vicm = Vout = VCC/2
(2)
Tmin ≤ Tamb ≤ Tmax
10
55
85
nA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0
≤ Vicm ≤ VCC
Tmin ≤ Tamb ≤ Tmax
60
57
90
dB
Avd
Large signal voltage gain
Vout = 0.5 to 2.5 V
RL = 10 kΩ
RL = 2 kΩ
83
74
102
102
dB
VOH
High level output voltage
Vid = 100 mV
RL = 10 kΩ
RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 2 kΩ
2.9
2.85
2.9
2.85
2.96
2.94
V
VOL
Low level output voltage
Vid = -100 mV
RL = 10 kΩ
RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 2 kΩ
10
46
90
100
120
130
mV
Io
Output source current
Vid = 100 mV, VO = VCC-, at Tamb
15
47
mA
At Tmin ≤ Tamb ≤ Tmax
5
Output sink current
Vid = -100 mV, VO = VCC+, at Tamb
15
47
mA
At Tmin ≤ Tamb ≤ Tmax
5
ICC
Supply current (per amplifier)
Vout = VCC/2
AVCL = 1, no load
Tmin ≤ Tamb ≤ Tmax
150
200
230
μA
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF, f = 100 kHz 370
600
kHz
SR
Slew rate
RL = 10 kΩ, CL = 100 pF, AV = 1
0.12
0.2
V/
μs
φm
Phase margin
CL = 100 pF
60
Degrees
en
Input voltage noise
f = 1 kHz
40
nV/
√Hz
THD
Total harmonic distortion
Vout =2Vpk-pk, AV = -1, f = 1 kHz
0.005
%
1.
All parameter limits at temperatures other than 25°C are guaranteed by correlation.
2.
Maximum values include unavoidable inaccuracies of the industrial tests.


Similar Part No. - TS1851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851AI STMICROELECTRONICS-TS1851AI Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851AILT STMICROELECTRONICS-TS1851AILT Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851I STMICROELECTRONICS-TS1851I Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851ILT STMICROELECTRONICS-TS1851ILT Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TS1851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com