Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

537 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part No. 537
Description  Four Mounting Holes (2 Bifurcated) Mate with Mounting Post in Socket Base for Secure Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARIES [Aries Electronics, Inc.]
Homepage  http://www.arieselec.com
Logo 

537 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10012
Rev. 2.1
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR TEST SOCKET, SEE DATA SHEET 10010
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• ConvenientlyHand-insert7SeparateInsertPlatesinto‘LiveBug’UniversalPLCCZIFTest
Socket(P/N84-537-21)tohold7Differently-sizedPLCCFootprints
• FourMountingHoles(2Bifurcated)MatewithMountingPostinSocketBaseforSecureAssembly
GENERAL SPECIFICATIONS
INSERT:blackUL94V-0glass-filledPolyphenyleneSulfide(PPS)
OPERATING TEMPERATURE: -85°F [-65°C] to 500°F [260°C]
CONTACT BLOCK AND LATCH HINGE:availableindividually
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE:0.035±0.002[0.89±0.05]dia.
Series 537 Insert Plates for
Universal PLCC ZIF Test Socket
No. Positions
Dim “A”
Dim. “B”
20
0.395to0.397
[10.03to10.08]
0.395to0.397
[10.03to10.08]
28
0.495 to 0.497
[12.57 to 12.62]
0.495 to 0.497
[12.57 to 12.62]
32
0.495 to 0.497
[12.57 to 12.62]
0.595 to 0.597
[15.11 to 15.16]
44
0.695 to 0.697
[17.65 to 17.70]
0.695 to 0.697
[17.65 to 17.70]
52
0.795 to 0.797
[20.19 to 20.24]
0.795 to 0.797
[20.19 to 20.24]
68
0.995 to 0.997
[25.27to25.32]
0.995 to 0.997
[25.27to25.32]
84
1.195 to 1.197
[30.35to30.40]
1.195 to 1.197
[30.35to30.40]
USE
P/N 1110832WHENORDERINGALLSEVENINSERT
PLATES
ORDERING INFORMATION
XX-537-20
Series
Number of Positions(seeTablebelow)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn