Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XLX535 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # XLX535
Description  IDT XO LVPECL Crystal Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLX535 Datasheet(HTML) 1 Page - Integrated Device Technology

  XLX535 Datasheet HTML 1Page - Integrated Device Technology XLX535 Datasheet HTML 2Page - Integrated Device Technology XLX535 Datasheet HTML 3Page - Integrated Device Technology XLX535 Datasheet HTML 4Page - Integrated Device Technology XLX535 Datasheet HTML 5Page - Integrated Device Technology XLX535 Datasheet HTML 6Page - Integrated Device Technology XLX535 Datasheet HTML 7Page - Integrated Device Technology XLX535 Datasheet HTML 8Page - Integrated Device Technology XLX535 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
XUQ JUNE 20, 2017
1
©2017 Integrated Device Technology, Inc.
IDT XO LVPECL Crystal Oscillator
XUQ
Description
The XUQ is an Ultra Precision LVPECL crystal oscillator with
300fs typical phase jitter over 12kHz to 20MHz bandwidth.
Available in a wide frequency range from 16kHz to 670MHz,
the IDT XUQ series crystal oscillator utilizes a family of
proprietary ASICs, with a key focus on noise reduction
technologies.
The 4th order Delta Sigma Modulator reduces noise to the
levels that are comparable to traditional bulk Quartz and SAW
oscillators. With short lead-time, low cost, low noise, wide
frequency range, excellent ambient performance, the XUQ is
an excellent choice over the conventional technologies. The
XUQ has stabilities as tight as ±20ppm with extremely quick
delivery for both standard and custom frequencies.
Features
Frequency range: 0.016 to 670MHz
Output type: LVPECL
Frequency stability: ±20ppm, ±25ppm, ±50ppm, or
±100ppm
Supply voltage: 1.8V, 2.5V, or 3.3V
Phase jitter (1.875MHz to 20MHz): 100fs typical
Phase jitter (12kHz to 20MHz): 300fs typical
Package options: 5.0mm x 3.2mm x 1.2mm (JS6)
7.0mm x 5.0mm x 1.3mm (JU6)
Operating temperatures: -20°C to +70°C or -40°C to +85°C
Pin Assignment
Pin Descriptions
1. Pulled high internally.
Pin Number
Pin Name
Description
1
NC
No connect
2
E/D
Enable/Disable1 (0=Output Disabled)
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary output
6
VDD
Supply Voltage
12
3
4
5
6
6-pin CLCC


Similar Description - XLX535

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XUP IDT-XUP_17 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
XLH IDT-XLH_17 Datasheet
341Kb / 13P
   IDT XO HCMOS Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com