Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHIR73133-S5-A-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LHIR73133-S5-A-PF
Description  INFRARED EMITTING DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIR73133-S5-A-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LHIR73133-S5-A-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIR73133-S5-A-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIR73133-S5-A-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIR73133-S5-A-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIR73133-S5-A-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIR73133-S5-A-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHIR73133-S5-A-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHIR73133-S5-A-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHIR73133-S5-A-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Solder Resistance
Test
Solderability Test
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.T.Sol=245
℃±5
2.Dwell time=5
±1sec
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
Reliability Test:
Operating Life Test
High Temperature
Storage Test
Low Temperature
Storage Test
Thermal Shock Test
High Temperature
High Humidity Test
Test Item
Description
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Test Condition
1.Ta=85
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 8/9
PART NO. LHIR73133/S5/A-PF


Similar Part No. - LHIR73133-S5-A-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR12243-S2-PF LIGITEK-LHIR12243-S2-PF Datasheet
181Kb / 9P
   INFRARED EMITTING DIODES
LHIR13743-A-PF LIGITEK-LHIR13743-A-PF Datasheet
204Kb / 9P
   INFRARED EMITTING DIODES
LHIR13743-T50 LIGITEK-LHIR13743-T50 Datasheet
75Kb / 5P
   INFRARED EMITTING DIODES
LHIR13743-T50-PF LIGITEK-LHIR13743-T50-PF Datasheet
157Kb / 8P
   INFRARED EMITTING DIODES
LHIR13743-T50-TBF-X LIGITEK-LHIR13743-T50-TBF-X Datasheet
154Kb / 9P
   INFRARED EMITTING DIODES
More results

Similar Description - LHIR73133-S5-A-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com