Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SC05012NNA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # E48SC05012NNA
Description  Industry standard pin out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC05012NNA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  E48SC05012NNA Datasheet HTML 1Page - Delta Electronics, Inc. E48SC05012NNA Datasheet HTML 2Page - Delta Electronics, Inc. E48SC05012NNA Datasheet HTML 3Page - Delta Electronics, Inc. E48SC05012NNA Datasheet HTML 4Page - Delta Electronics, Inc. E48SC05012NNA Datasheet HTML 5Page - Delta Electronics, Inc. E48SC05012NNA Datasheet HTML 6Page - Delta Electronics, Inc. E48SC05012NNA Datasheet HTML 7Page - Delta Electronics, Inc. E48SC05012NNA Datasheet HTML 8Page - Delta Electronics, Inc. E48SC05012NNA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS_E48SC05015_10302013
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF, tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (100mV/div, 200us/div), Bottom Trace: I out (5A/div).
Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51
mm to 76 mm (2 inches to 3 inches) from the module
Figure 9: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 2.5A/µs). Load cap:
330µF, 35m
Ω ESR solid electrolytic capacitor and 1µF ceramic
capacitor. Top Trace: Vout (100mV/div, 200us/div), Bottom
Trace: I out (5A/div). Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position the
load between 51 mm to 76 mm (2 inches to 3 inches) from the
module
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset
possible battery impedance. Measure current as shown above


Similar Part No. - E48SC05012NNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
760Kb / 15P
   Standard footprint
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
539Kb / 15P
   No minimum load required
More results

Similar Description - E48SC05012NNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com