Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHY9553R-SB-TR1-RG-B01 Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LHY9553R-SB-TR1-RG-B01
Description  SURFACE MOUNT LED TAPE AND REEL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHY9553R-SB-TR1-RG-B01 Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LHY9553R-SB-TR1-RG-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHY9553R-SB-TR1-RG-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHY9553R-SB-TR1-RG-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHY9553R-SB-TR1-RG-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHY9553R-SB-TR1-RG-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHY9553R-SB-TR1-RG-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHY9553R-SB-TR1-RG-B01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LHY9553R-SB-TR1-RG-B01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LHY9553R-SB-TR1-RG-B01 Datasheet HTML 12Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page 7/10
W
Box Explanation
H
L
1. 4 BAG / INNER BOX
2. INNER BOX SIZE : L X W X H 23cm X 8.5cm x 26cm
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LHY9553R-SB/TR1-RG-B01
3. 10 INNER BOXES / CARTON
4. CARTON SIZE : L X W X H 58cm X 34cm x 35cm
L
W
H


Similar Part No. - LHY9553R-SB-TR1-RG-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHY9553R-SB-B01 LIGITEK-LHY9553R-SB-B01 Datasheet
314Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LHY9553R-SB-TR1-RG-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com