Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1212PG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1212PG
Description  Current Mode PWM Controller for Both Forward and Flyback Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1212PG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1212PG Datasheet HTML 6Page - ON Semiconductor NCP1212PG Datasheet HTML 7Page - ON Semiconductor NCP1212PG Datasheet HTML 8Page - ON Semiconductor NCP1212PG Datasheet HTML 9Page - ON Semiconductor NCP1212PG Datasheet HTML 10Page - ON Semiconductor NCP1212PG Datasheet HTML 11Page - ON Semiconductor NCP1212PG Datasheet HTML 12Page - ON Semiconductor NCP1212PG Datasheet HTML 13Page - ON Semiconductor NCP1212PG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
NCP1212
http://onsemi.com
10
Figure 27. Rise Time of Gate Drive Waveform
(CL = 1 nF)
Figure 28. Fall Time of Gate Drive Waveform
(CL = 1 nF)
Figure 29. Supply Current vs. Supply Voltage
(Duty Cycle = 82% and Output Load = 1 nF)
Figure 30. Supply Current vs. Supply Voltage
(Duty Cycle = 48% and Output Load = 1 nF)
VCC, SUPPLY VOLTAGE (V)
Figure 31. Switch Frequency vs. CT Pin Capacitance
CT, PIN CAPACITANCE (pF)
0.5
−0.5
4
VCC, SUPPLY VOLTAGE (V)
0
3
3.5
0
300
100
150
200
015
10
525
20
0
15
10
525
20
400
800
600
1200
1000
50
250
2.5
2
1.5
1
0.5
−0.5
4
0
3
3.5
2.5
2
1.5
1
Ramp up to 24 V
Ramp down from 24 V
Ramp up to 24 V
Ramp down from 24 V
48% DUTY −CYCLE
82% DUTY CYCLE


Similar Part No. - NCP1212PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1212PG ONSEMI-NCP1212PG Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
More results

Similar Description - NCP1212PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com