Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1212 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1212
Description  Current Mode PWM Controller for Both Forward and Flyback Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1212 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1212 Datasheet HTML 1Page - ON Semiconductor NCP1212 Datasheet HTML 2Page - ON Semiconductor NCP1212 Datasheet HTML 3Page - ON Semiconductor NCP1212 Datasheet HTML 4Page - ON Semiconductor NCP1212 Datasheet HTML 5Page - ON Semiconductor NCP1212 Datasheet HTML 6Page - ON Semiconductor NCP1212 Datasheet HTML 7Page - ON Semiconductor NCP1212 Datasheet HTML 8Page - ON Semiconductor NCP1212 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
FB
+5 V
3 R
R
9 K
+
±
8
mA
+5 V
+
±
28
mA
+
0.5 V
Overload
Shutdown
300 ns
LEB
CS
+
1 V
OVLO
(25 V)
UVLO
(10 V)
Vref
Regulator
5 V
+
15 V
+
±
+5 V
45
mA
SW2
+
1.21 V
BOK
CT
OSC
Clock
IMAX
Max. Duty
Cycle
48% or 82%
S
D
Q
+
3.2 V
+
S
Q
Q
Reset
Overload
Enable
D
Q
S
Q
Q
R
F/F
Totem Pole Drive
SS/DMAX
VCC
DRV
GND
+
Current Limit
+
Brownout
Detection
+
+
+


Similar Part No. - NCP1212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1212 ONSEMI-NCP1212 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1212 ONSEMI-NCP1212 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1212DR2 ONSEMI-NCP1212DR2 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212DR2G ONSEMI-NCP1212DR2G Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
More results

Similar Description - NCP1212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com