Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1212 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP1212
Description  Current Mode PWM Controller for Both Forward and Flyback Converters
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1212 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1212 Datasheet HTML 1Page - ON Semiconductor NCP1212 Datasheet HTML 2Page - ON Semiconductor NCP1212 Datasheet HTML 3Page - ON Semiconductor NCP1212 Datasheet HTML 4Page - ON Semiconductor NCP1212 Datasheet HTML 5Page - ON Semiconductor NCP1212 Datasheet HTML 6Page - ON Semiconductor NCP1212 Datasheet HTML 7Page - ON Semiconductor NCP1212 Datasheet HTML 8Page - ON Semiconductor NCP1212 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AC Input
+
F1
FUSE
X2 Cap
RFI FILTER
X2 Cap
BR1
4
3
+
C1
470
mf/400 V
R1
576 K
R2
3.3 K
C2
10 nf/1 kv
D1
MUR180
Rsense
0.22/2 W
D2
MBR3045
+
C7
3300
mf/
10 V
5 V
GND
T3
IC1
NCP1212
FB
BOK
CS
CT
SS/DMAX
VCC
DRV
GND
Form Standby SMPS
Auxiliary Winding
C4
1 nf
C3
0.1
mf
C5
0.1
mf
PC817
4
3
IC2
1
2
R6
220
R5
100
C6
0.1
mf
U1
TL431
R8
300
R3
36 K
Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn