Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8S89831I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8S89831I
Description  Differential LVPECL-To-LVPECL/ECL Fanout Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8S89831I Datasheet(HTML) 1 Page - Integrated Device Technology

  8S89831I_17 Datasheet HTML 1Page - Integrated Device Technology 8S89831I_17 Datasheet HTML 2Page - Integrated Device Technology 8S89831I_17 Datasheet HTML 3Page - Integrated Device Technology 8S89831I_17 Datasheet HTML 4Page - Integrated Device Technology 8S89831I_17 Datasheet HTML 5Page - Integrated Device Technology 8S89831I_17 Datasheet HTML 6Page - Integrated Device Technology 8S89831I_17 Datasheet HTML 7Page - Integrated Device Technology 8S89831I_17 Datasheet HTML 8Page - Integrated Device Technology 8S89831I_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
©2017 Integrated Device Technology, Inc.
June 22, 2017
Description
The 8S89831I is a high speed 1-to-4 Differential- to-LVPECL/ECL
Fanout Buffer. The 8S89831I is optimized for high speed and very
low output skew, making it suitable for use in demanding applications
such as SONET, 1 Gigabit and 10 Gigabit Ethernet, and Fiber
Channel. The internally terminated differential input and VREF_AC pin
allow other differential signal families such as LVDS, LVHSTL and
CML to be easily interfaced to the input with minimal use of external
components.
The device also has an output enable pin which may be useful for
system test and debug purposes. The 8S89831I is packaged in a
small 3mm x 3mm 16-pin VFQFN package which makes it ideal for
use in space-constrained applications.
Features
Four LVPECL/ECL outputs
IN, nIN input can accept the following differential input levels:
LVPECL, LVDS, CML, SSTL
50internal input termination to V
T
Output frequency: >2.1GHz
Output skew: 30ps (maximum)
Part-to-part skew: 185ps (maximum)
Additive phase jitter, RMS: 0.31ps (typical)
Propagation Delay: 570ps (maximum)
LVPECL mode operating voltage supply range:
VCC = 2.5V±5%, 3.3V±5%, VEE = 0V
ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.3V±5%, -2.5V±5%
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
8S89831I
16-Lead VFQFN
3mm x 3mm x 0.925mm package body
K Package
Top View
Block Diagram
Pin Assignment
5
6
7
8
16 15 14 13
1
2
3
4
12
11
10
9
Q1
nQ1
Q2
nQ2
IN
VT
VREF_AC
nIN
50
Ω
50
Ω
DQ
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
IN
V
T
nIN
EN
V
REF_AC
Pullup
8S89831I
Datasheet
Differential LVPECL-To-LVPECL/ECL
Fanout Buffer


Similar Part No. - 8S89831I_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
More results

Similar Description - 8S89831I_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
logo
Integrated Device Techn...
ICS8S58021I IDT-ICS8S58021I Datasheet
734Kb / 18P
   Differential-to-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS8S58021I RENESAS-ICS8S58021I Datasheet
931Kb / 19P
   Differential-to-LVPECL/ECL Fanout Buffer
2019
logo
Integrated Device Techn...
853S111AI IDT-853S111AI Datasheet
298Kb / 20P
   Differential-to-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S58021I RENESAS-8S58021I Datasheet
438Kb / 16P
   Differential-to-LVPECL/ECL Fanout Buffer
September 22, 2017
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
logo
Integrated Device Techn...
853S011BI IDT-853S011BI_16 Datasheet
315Kb / 20P
   LVPECL/ ECL Fanout Buffer
ICS853S031I IDT-ICS853S031I Datasheet
1,005Kb / 22P
   LVPECL/ECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com