Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SR05015NRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # E36SR05015NRFA
Description  Industry standard pin out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SR05015NRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  E36SR05015NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS_E36SR05015_10292013
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
E36SR05015 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
18
24/48
75
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Ambient Temperature
-40
85
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
18
24/48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
18
18.5
19
Vdc
Turn-Off Voltage Threshold
16.5
17
17.5
Vdc
Lockout Hysteresis Voltage
1.5
3
Vdc
Maximum Input Current
100% Load, 18Vin
5
A
No-Load Input Current
No load, 48Vin
70
mA
Off Converter Input Current
10
15
mA
Inrush Current(I
2t)
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
20
mA
Input Voltage Ripple Rejection
120 Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
4.95
5.0
5.05
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±5
±10
mV
Over Line
Vin=18V to 75V
±5
±10
mV
Over Temperature
Tc=-40°C to 85°C
±25
±50
mV
Total Output Voltage Range
over sample load, line and temperature
4.9
5.1
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
60
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
40
mV
Operating Output Current Range
0
15
A
Output DC Current-Limit Inception
Output Voltage 10% Low
110
140
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
25% Io.max to 50% Io.max
150
mV
Negative Step Change in Output Current
50% Io.max to 25% Io.max
150
mV
Settling Time (within 1% Vout nominal)
200
us
Turn-On Transient
Start-Up Time, From On/Off Control
2
20
ms
Start-Up Time, From Input
10
20
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
5000
µF
EFFICIENCY
100% Load
89
%
60% Load
90
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
0
1.8
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
2.4
18
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
0
1.8
V
Logic High (Module On)
Von/off at Ion/off=0.0 µA
2.4
18
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Pins 9 & 5, Pout ≦ max rated power
-10%
10%
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
6
V
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; 300LFM @25℃
2.2
M hours
Weight
Without heat spreader
25
grams
Weight
With heat spreader
36.5
grams
Over-Temperature Shutdown
Refer to Figure 21 for measuring point
127
°C


Similar Part No. - E36SR05015NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results

Similar Description - E36SR05015NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
   Industry standard pin out
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com