Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S54AKI-01LF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 853S54AKI-01LF
Description  Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S54AKI-01LF Datasheet(HTML) 3 Page - Integrated Device Technology

  853S54AKI-01LF Datasheet HTML 1Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 2Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 3Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 4Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 5Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 6Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 7Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 8Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
©2017 Integrated Device Technology, Inc.
June 16, 2017
853S54I-01 Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 2.375V TO 3.465V, VEE = 0V OR VCC = 0V, VEE = -3.465V TO -2.375V,
TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = 2.375V TO 3.465V, VEE = 0V OR VCC = 0V, VEE = -3.465V TO
-2.375V,
TA = 40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V (LVPECL mode, VEE = 0V)
Negative Supply Voltage, VEE
-4.6V (ECL mode, VCC = 0V)
Inputs, VI (LVPECL mode)
-0.5V to VCC + 0.5V
Inputs, VI (ECL mode)
0.5V to VEE – 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Operating Temperature Range, TA
-40°C to +85°C
Package Thermal Impedance,
JA, (Junction-to-Ambient)
74.7
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
V
IEE
Power Supply Current
45
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VCC = 3.465V
2.2
VCC + 0.3
V
VCC = 2.625V
1.7
VCC + 0.3
V
VIL
Input Low Voltage
VCC = 3.465V
0
0.8
V
VCC = 2.625V
0
0.7
V
IIH
Input High Current
SELA, SELB
VCC = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
SELA, SELB
VCC = 2.625V, VIN = 0V
-150
µA


Similar Part No. - 853S54AKI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S54AKI-01LF IDT-853S54AKI-01LF Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Renesas Technology Corp
853S54AKI-01LF RENESAS-853S54AKI-01LF Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54AKI-01LFT IDT-853S54AKI-01LFT Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Renesas Technology Corp
853S54AKI-01LFT RENESAS-853S54AKI-01LFT Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
More results

Similar Description - 853S54AKI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com