Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S54I-01 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 853S54I-01
Description  Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S54I-01 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 853S54I-01_17 Datasheet HTML 7Page - Integrated Device Technology 853S54I-01_17 Datasheet HTML 8Page - Integrated Device Technology 853S54I-01_17 Datasheet HTML 9Page - Integrated Device Technology 853S54I-01_17 Datasheet HTML 10Page - Integrated Device Technology 853S54I-01_17 Datasheet HTML 11Page - Integrated Device Technology 853S54I-01_17 Datasheet HTML 12Page - Integrated Device Technology 853S54I-01_17 Datasheet HTML 13Page - Integrated Device Technology 853S54I-01_17 Datasheet HTML 14Page - Integrated Device Technology 853S54I-01_17 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
©2017 Integrated Device Technology, Inc.
June 16, 2017
853S54I-01 Datasheet
2.5V Differential Clock Input Interface
The IN /nIN accepts LVPECL, CML, LVDS and other differential
signals. Both VSWING and VOH must meet the VPP and VCMR input
requirements. Figures 3A to 3D show interface examples for the IN
/nIN input driven by the most common driver types. The input
interfaces suggested here are examples only. If the driver is from
another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the
driver termination requirements.
Figure 3A. IN/nIN Input
Driven by an Open Collector CML Driver
Figure 3C. IN/nIN Input
Driven by a 3.3V LVPECL Driver
Figure 3B. IN/nIN Input
Driven by a Built-In Pullup CML Driver
Figure 3D. IN/nIN Input Driven by
a 3.3V LVDS Driver
IN
nIN
LVPECL
Differential
Inputs
CML
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
2.5V
R1
50
Ω
R2
50
Ω
R1
125
Ω
R3
125
Ω
R2
84
Ω
R4
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
IN
nIN
3.3V
2.5V
LVPECL
LVPECL
Differential
Input
3.3V
R1
100
Ω
CML Built-In Pullup
IN
nIN
2.5V
Zo = 50
Ω
Zo = 50
Ω
LVPECL
Differential
Inputs
3.3V
R1
100
Ω
LVDS
IN
nIN
2.5V
Zo = 50
Ω
Zo = 50
Ω
LVPECL
Differential
Inputs


Similar Part No. - 853S54I-01_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
More results

Similar Description - 853S54I-01_17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com