Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SC05025 Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # E36SC05025
Description  125W DC/DC Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SC05025 Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button E36SC05025 Datasheet HTML 6Page - Delta Electronics, Inc. E36SC05025 Datasheet HTML 7Page - Delta Electronics, Inc. E36SC05025 Datasheet HTML 8Page - Delta Electronics, Inc. E36SC05025 Datasheet HTML 9Page - Delta Electronics, Inc. E36SC05025 Datasheet HTML 10Page - Delta Electronics, Inc. E36SC05025 Datasheet HTML 11Page - Delta Electronics, Inc. E36SC05025 Datasheet HTML 12Page - Delta Electronics, Inc. E36SC05025 Datasheet HTML 13Page - Delta Electronics, Inc. E36SC05025 Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_E36SC05025_08162013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P10
THERMAL CURVES
(WITHOUT HEAT SPREADER)
AIRFLOW
NTC RESISTOR
HOT SPOT 1
Figure 18: * Hot spot 1& NTC resistor temperature measured
points. The allowed maximum hot spot temperature is defined at
116
.
0
3
6
9
12
15
18
21
24
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
E36SC05025(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 24V (Transverse Orientation)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 19: Output current vs. ambient temperature and air
velocity @Vin=24V(Either Orientation, airflow from Vin+ to
Vin-,without heat spreader)
0
3
6
9
12
15
18
21
24
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
E36SC05025(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 20: Output current vs. ambient temperature and air
velocity @Vin=48V(Either Orientation, airflow from Vin+ to
Vin-,without heat spreader)
THERMAL CURVES
(WITH HEAT SPREADER)
HOT SPOT 2
AIRFLOW
Figure 21: * Hot spot 2 temperature measured point. The allowed
maximum hot spot temperature is defined at 105
.
0
3
6
9
12
15
18
21
24
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
E36SC05025(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 24V (Transverse Orientation,With Heat Spreader)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 22: Output current vs. ambient temperature and air velocity
@Vin=24V(Either Orientation, airflow from Vin+ to Vin-,with heat
spreader)
0
3
6
9
12
15
18
21
24
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
E36SC05025(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation,With Heat Spreader)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 23: Output current vs. ambient temperature and air velocity
@Vin=48V(Either Orientation, airflow from Vin+ to Vin-,with heat
spreader)


Similar Part No. - E36SC05025

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC05025NRFA DELTA-E36SC05025NRFA Datasheet
737Kb / 15P
   125W DC/DC Power Modules
More results

Similar Description - E36SC05025

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC05025NRFA DELTA-E36SC05025NRFA Datasheet
737Kb / 15P
   125W DC/DC Power Modules
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
V48SC3R320 DELTA-V48SC3R320_14 Datasheet
888Kb / 16P
   66W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com