Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XLH Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. XLH
Description  IDT XO HCMOS Crystal Oscillator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

XLH Datasheet(HTML) 3 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
JUNE 20, 2017
3
IDT XO HCMOS CRYSTAL OSCILLATOR
XLH DATASHEET
DC Characteristics
(VDD= 3.3V ±5%, TA= - 20°C to +70°C; -40° to +85°C)
* A pullup resistor from pin 4 (VDD) to pin 1 (E/D) enables output when pin 1 is left open.
AC Characteristics
(VDD= 3.3V ±5%, TA= - 20°C to +70°C; -40° to +85°C)
Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not
recommend hand soldering the devices
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Current
IDD
Standard Frequencies
55
mA
Output HIGH Voltage
VOH
Fout = 0.750 to 150MHz
Fout = 150+ to 250MHz
90%VDD
80%VDD
V
Output LOW Voltage
VOL
Fout = 0.750 to 150MHz
Fout = 150+ to 250MHz
10%VDD
20%VDD
V
Enable/Disable Input HIGH Voltage
(Output enabled)*
VIH
70%VDD
V
Enable/Disable Input LOW Voltage
(Output disabled)
VIL
30%VDD
V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Frequency Range
FOUTR
0.750
250
MHz
Frequency Stability
Temperature = -20°C to +70°C
±20
±100
ppm
Temperature = -40°C to +85°C
±25
±100
ppm
Aging (1st year)
Ta = 25°C
±3
Aging (10 years)
Ta = 25°C
±10
Output Load
15
pF
Start-up Time
TST
Output valid time after VDD meets
minimum specified level
10
ms
Output Rise Time
20% to 80% VDD
3ns
Output Fall Time
80% to 20% VDD
3ns
Duty Cycle
TDTCY
At 50% VDD
45
55
%
Output Enable/ Disable Time
TOE
100
ns
Period Jitter, RMS
JPER
Frequency = 125MHz
3
psec
Random Jitter
RJ
Frequency = 125MHz
Per MJSQ spec (Methodologies for
Jitter and Signal Quality specifications)
1.2
psec
Deterministic Jitter
DJ
8psec
Total Jitter
TJ
25.2
psec
Phase Jitter (12kHz – 20MHz)
JITTER
Frequency = 125MHz
0.75
psec
Phase Noise Performance
Frequency = 125MHz
NOISE
100Hz of Carrier
-95
dBc/Hz
1kHz of Carrier
-118
dBc/Hz
10kHz of Carrier
-120
dBc/Hz
100kHz of Carrier
-124
dBc/Hz
1MHz of Carrier
-143
dBc/Hz
10MHz of Carrier
-153
dBc/Hz
Output Frequency (Standards)
FOUT
10MHz, 12MHz, 12.288MHz, 16MHz, 20MHz, 24MHz, 24.576MHz, 25MHz,
33.333MHz, 40MHz, 48MHZ, 50MHz, 100MHz, 125MHz, 156.25MHz
(Contact IDT for additional frequencies)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn