Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUH Datasheet(PDF) 2 Page - Integrated Device Technology

Part # XUH
Description  IDT XO HCMOS Crystal Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUH Datasheet(HTML) 2 Page - Integrated Device Technology

  XUH_17 Datasheet HTML 1Page - Integrated Device Technology XUH_17 Datasheet HTML 2Page - Integrated Device Technology XUH_17 Datasheet HTML 3Page - Integrated Device Technology XUH_17 Datasheet HTML 4Page - Integrated Device Technology XUH_17 Datasheet HTML 5Page - Integrated Device Technology XUH_17 Datasheet HTML 6Page - Integrated Device Technology XUH_17 Datasheet HTML 7Page - Integrated Device Technology XUH_17 Datasheet HTML 8Page - Integrated Device Technology XUH_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IDT XO HCMOS CRYSTAL OSCILLATOR
2
JUNE 20, 2017
XUH DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the XUH. These ratings, which are standard values for
IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
ESD Compliance
Mechanical Testing
Solder Reflow Profile
Item
Rating
VDD
-0.5 to +5.0V
E/D
-0.5V to VDD + 0.5V
OUT
-0.5V to VDD + 0.5V
Storage Temperature
-55°C to 125°C
Theta Ja (Junction to Ambient)
102°C/W – Still Air
Human Body Model (HBM
1000V
Machine Model (MM)
150V
Parameter
Test Method
Mechanical Shock
Half-Sine wave with 0.3ms 3000G
X, Y, Z each direction 1 time
Mechanical Vibration
Frequency: 10 to 55 MHz Amplitude: 1.5mm
Frequency: 55~2000Hz Peak value: 20G
Duration time: 4H for each X, Y, Z axis Total 12hours
High Temperature Burn-in
2000 Hours 125°C (under power)
Hermetic Seal
Gross leak (Air leak test)
Fine leak (Helium leak test) He-pressure: 6kgf/cm² 2 hours.
tP
10 seconds Max within
5°C of 260°C peak
Ramp down not
to exceed 6°C/s
Ramp up 3°C/s Max
120 ±20 seconds
in pre-heating
area
50 ±10
seconds
above 225°C
reflow area
400 seconds MAX from +25°C to 260°C peak
25°C
160°C
180°C
225°C
260°C


Similar Part No. - XUH_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUH310 IDT-XUH310 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUH315 IDT-XUH315 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUH316 IDT-XUH316 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUH318 IDT-XUH318 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUH31V IDT-XUH31V Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUH_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XLH IDT-XLH_17 Datasheet
341Kb / 13P
   IDT XO HCMOS Crystal Oscillator
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUQ IDT-XUQ_17 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUP IDT-XUP_17 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
logo
Advanced XTAL Products
AXE55310-26 AXTAL-AXE55310-26 Datasheet
179Kb / 4P
   HCMOS Crystal Oscillator (XO) compliant to MIL-PRF-55310/26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com