Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF9002RS Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MRF9002RS
Description  RF POWER FIELD EFFECT TRANSISTOR ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MRF9002RS Datasheet(HTML) 2 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MRF9002R2
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 20 µAdc)
VGS(th)
2.4
4
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 25 mAdc)
VGS(Q)
3
5
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 0.1 Adc)
VDS(on)
0.3
Vdc
FUNCTIONAL TESTS (Per Transistor in Motorola Test Fixture, 50 ohm system)
Common–Source Amplifier Power Gain @ P1dB
(VDD = 26 Vdc, IDQ = 25 mA, f = 960.0 MHz)
Gps
15
18
dB
Drain Efficiency @ P1dB
(VDD = 26 Vdc, IDQ = 25 mA, f = 960.0 MHz)
η
35
50
%
Input Return Loss @ P1dB
(VDD = 26 Vdc, IDQ = 25 mA, f = 960.0 MHz)
IRL
–15
–9
dB
Power Output, 1 dB Compression Point
(VDD = 26 Vdc, IDQ = 25 mA, f = 960.0 MHz)
P1dB
34
37
dBm
Output Mismatch Stress
(VDD = 26 Vdc, Pout = 2 W CW, IDQ = 25 mA,
f = 960.0 MHz, VSWR = 10:1, All Phase Angles at Frequency
of Tests)
Ψ
No Degradation In Output Power


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn