Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP048V060W1BX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DRP048V060W1BX
Description  Worldwide AC input range without power de-rating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP048V060W1BX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DRP048V060W1BX Datasheet HTML 5Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 6Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 9Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 10Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 11Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 12Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
48V 60W 1 Phase / DRP048V060W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
9
Assembly & Installation
The power supply unit (PSU) can be mounted on 35mm DIN rails in accordance with EN 60715. The device should be installed with
input terminal block at the bottom.
Each device is delivered ready to install.
Mounting
Dismounting
Fig. 2.1 Mounting
Snap on the DIN rail as shown in Fig. 2.1:
1. Tilt the unit upwards and insert it onto the DIN rail.
2. Push downwards until stopped.
3. Press against the bottom front side for locking.
4. Shake the unit slightly to ensure that it is secured.
Fig. 2.2 Dismounting
To uninstall, pull or slide down the latch with screw driver as
shown in Fig. 2.2. Then slide the power supply unit (PSU) in
the opposite direction, release the latch and pull out the power
supply unit (PSU) from the rail.
CAUTION:
Must tighten wire to housing (Fig. 3.1) before
plugging into the terminal block connection (Fig. 3.2).
In accordance to EN 60950 / UL 50950, flexible cables require
ferrules. Use appropriate copper cables designed to sustain
operating temperature of 60°C / 75°C or more to fulfill UL
requirements.
Connection
Fig. 3.1
Fig. 3.2


Similar Part No. - DRP048V060W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP048V060W1BA DELTA-DRP048V060W1BA Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
logo
Powerbox
DRP048V060W1BN POWERBOX-DRP048V060W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP048V060W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP048V240W1BX DELTA-DRP048V240W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
DRP048V480W1BX DELTA-DRP048V480W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
logo
Mitsumi Electronics, Co...
ADP-W3 MITSUMI-ADP-W3 Datasheet
150Kb / 2P
   4W AC Adaptors with Worldwide Input
ADP-G3 MITSUMI-ADP-G3 Datasheet
108Kb / 2P
   10W AC Adaptors with Worldwide Input
ADP-W5 MITSUMI-ADP-W5 Datasheet
359Kb / 2P
   3W Small AC Adaptors with Worldwide Input
ASR04 MITSUMI-ASR04 Datasheet
157Kb / 2P
   Worldwide Input System Compact type AC Adaptors
ASR MITSUMI-ASR Datasheet
252Kb / 2P
   Worldwide Input System Compact type AC Adaptors
ADP-G2 MITSUMI-ADP-G2 Datasheet
48Kb / 2P
   5W Small AC Adaptors with Worldwide Input
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Mitsumi Electronics, Co...
ADP-G4 MITSUMI-ADP-G4 Datasheet
148Kb / 2P
   36W small AC adaptors with worldwide input voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com