Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP-24V100W1NN Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DRP-24V100W1NN
Description  CliQ II DIN Rail Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP-24V100W1NN Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DRP-24V100W1NN Datasheet HTML 1Page - Delta Electronics, Inc. DRP-24V100W1NN Datasheet HTML 2Page - Delta Electronics, Inc. DRP-24V100W1NN Datasheet HTML 3Page - Delta Electronics, Inc. DRP-24V100W1NN Datasheet HTML 4Page - Delta Electronics, Inc. DRP-24V100W1NN Datasheet HTML 5Page - Delta Electronics, Inc. DRP-24V100W1NN Datasheet HTML 6Page - Delta Electronics, Inc. DRP-24V100W1NN Datasheet HTML 7Page - Delta Electronics, Inc. DRP-24V100W1NN Datasheet HTML 8Page - Delta Electronics, Inc. DRP-24V100W1NN Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
24V 91.2W 1 Phase, NEC Class 2 / DRP-24V100W1NN
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (January 2014, Rev. 00)
4
Reliability Data
MTBF
> 800,000 hrs. as per Telcordia SR-332
I/P: 115Vac, O/P: 100% load, Ta: 25°C
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load @ 40°C)
Safety Standards / Directives
Electrical Equipment in Power Installations
EN 50178 / IEC 62103
Electrical Safety
SIQ to EN 60950-1, UL/cUL recognized to UL 60950-1
and CSA C22.2 No. 60950-1, CB scheme to
IEC 60950-1, Limited Power Source (LPS)
Industrial Control Equipment
UL/cUL listed to UL 508 and CSA C22.2 No. 107.1-01,
CSA to CSA C22.2 No. 107.1-01 (File No. 181564)
Class 2 Power Supply
UL/cUL recognized to UL 1310 and CSA C22.2 No. 223
CE
In conformance with EMC Directive 2004/108/EC and
Low Voltage Directive 2006/95/EC
Material and Parts
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to Output
4.0KVac
Input to Ground
1.5KVac
Output to Ground
1.5KVac


Similar Part No. - DRP-24V100W1NN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP-24V120W2BN DELTA-DRP-24V120W2BN Datasheet
887Kb / 14P
   CliQ II DIN Rail Power Supply
More results

Similar Description - DRP-24V100W1NN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V120W3BA DELTA-DRP024V120W3BA Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
DRP024V480W1BA DELTA-DRP024V480W1BA Datasheet
735Kb / 12P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP024V060W3BA DELTA-DRP024V060W3BA Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BA DELTA-DRP024V240W1BA Datasheet
648Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V240W3BX DELTA-DRP024V240W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BX DELTA-DRP024V240W1BX Datasheet
1Mb / 15P
   CliQ II DIN Rail Power Supply
DRP024V480W3BX DELTA-DRP024V480W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V960W3BN DELTA-DRP024V960W3BN Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com