Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPY600 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. MPY600
Description  Wide Bandwidth SIGNAL MULTIPLIER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

MPY600 Datasheet(HTML) 4 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
®
MPY600
4
0
–20
–40
–60
–80
–100
–60
–40
–50
–30
–20
–10
0
10
20
CURRENT OUTPUT HARMONIC DISTORTION
vs INPUT POWER
Input Power (dBm)
f = 10MHz
2f
3f
VOLTAGE OUTPUT HARMONIC DISTORTION
vs FREQUENCY
–30
–40
–50
–60
–70
–80
10k
100k
1M
10M
100M
Frequency (Hz)
X = 1V
Y = 0dBm
2f
3f
CURRENT OUTPUT FEEDTHROUGH vs FREQUENCY
1M
10M
100M
100k
10k
0
–20
–40
–60
–80
–100
Frequency (Hz)
X-Input Nulled
Y-Input 0dBm
Y-Input Nulled
X-Input 0dBm
Y- CHANNEL GAIN vs R
RESISTANCE
Y
20
15
10
5
0
1
10
100
1k
10k
R Resistance ( )
Y
V = 1V
X
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VS = ±5V unless otherwise noted.
CURRENT OUTPUT HARMONIC DISTORTION
vs FREQUENCY
–30
–40
–50
–60
–70
–80
10k
100k
1M
10M
100M
Frequency (Hz)
X = 1V
Y = 0dBm
2f
3f
VOLTAGE OUTPUT FEEDTHROUGH vs FREQUENCY
1M
10M
100M
100k
10k
0
–20
–40
–60
–80
–100
Frequency (Hz)
X-Input Nulled
Y-Input 0dBm
Y-Input Nulled
X-Input 0dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn