Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPY600 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. MPY600
Description  Wide Bandwidth SIGNAL MULTIPLIER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

MPY600 Datasheet(HTML) 3 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
®
MPY600
3
VOLTAGE OUTPUT PHASE SHIFT vs FREQUENCY
1k
10k
100k
1M
10M
100M
100
10
1.0
0.1
0.01
Frequency (Hz)
VOLTAGE OUTPUT FREQUENCY RESPONSE
10k
100k
1M
10M
100M
Frequency (Hz)
30
20
10
0
–10
–20
R
= 0
Y
R = 18
Y
R = 50
Y
R = 100
Y
R = 200
Y
R = 500
Y
R = Open
Y
For X = 1V
20
10
0
–10
–20
MULTIPLIER GAIN vs FREQUENCY
10k
100k
1M
10M
100M
Frequency (Hz)
With 10x Feedback Attenuator
C
= 100pF
L
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................................................
±18V
Input Voltage Range ............................................................................
±V
S
Op Amp Output Current ................................................................. 100mA
Operating Temperature ................................................................. +125
°C
Storage Temperature ..................................................................... +150
°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ORDERING INFORMATION
SPECIFIED
TEMPERATURE
MODEL
PACKAGE
RANGE
MPY600AP
16-Pin Plastic DIP
–25
°C to +85°C
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
MPY600AP
16-Pin Plastic DIP
180
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
Z
Z
Y
R
R
Y
+V
I
I
NC
X
NC
NC
X
–V
O
1
2
1
Y
Y
2
S
P
N
1
2
S
Voltage Output
Z Input
Z Input
Y Input
Y-Gain Adj.
Y-Gain Adj.
Y Input
+V Power
+Current Output
–Current Output
NC
X Input
NC
NC
X Input
–V Power
1
2
2
1
S
S
2
1
NC: No internal connection.
Top View
DIP
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VS = ±5V unless otherwise noted.
NOISE FIGURE vs R RESISTANCE
Y
1
10
100
1000
10000
R Resistance ( )
Y
35
30
25
20
15
10
5
R = 50
S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn