Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPM0061 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSPM0061
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSPM0061 Datasheet(HTML) 3 Page - ON Semiconductor

  NSPM0061 Datasheet HTML 1Page - ON Semiconductor NSPM0061 Datasheet HTML 2Page - ON Semiconductor NSPM0061 Datasheet HTML 3Page - ON Semiconductor NSPM0061 Datasheet HTML 4Page - ON Semiconductor NSPM0061 Datasheet HTML 5Page - ON Semiconductor NSPM0061 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSPM0061
www.onsemi.com
3
Figure 1. Positive TLP I−V Curve
Figure 2. Clamping Voltage vs. Peak Pulse
Current (tp = 8/20 ms)
Ipk (A)
9
8
7
6
5
4
3
2
1
0
0
5
10
15
20
30
25
Ipk (A)
080
70
10
20
30
40
60
50
14
12
10
8
6
4
2
0
Figure 3. CV Characteristics
VBias (V)
50
40
35
30
25
20
15
10
5
0
01
2
3
4
6
5
45


Similar Part No. - NSPM0061

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSPM0051 ONSEMI-NSPM0051 Datasheet
92Kb / 6P
   Transient Voltage Suppressors
November, 2014 ??Rev. 1
NSPM0051MUT5G ONSEMI-NSPM0051MUT5G Datasheet
92Kb / 6P
   Transient Voltage Suppressors
November, 2014 ??Rev. 1
More results

Similar Description - NSPM0061

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com