Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP024V060W1BX Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DRP024V060W1BX
Description  Universal AC input voltage range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V060W1BX Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DRP024V060W1BX Datasheet HTML 1Page - Delta Electronics, Inc. DRP024V060W1BX Datasheet HTML 2Page - Delta Electronics, Inc. DRP024V060W1BX Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V060W1BX Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V060W1BX Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V060W1BX Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V060W1BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V060W1BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V060W1BX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
24V 60W 1 Phase / DRP024V060W1B
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (December 2016, Rev. 06)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
85-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
DC Input Voltage Range*
120-375Vdc
Input Current
< 1.40A @ 115Vac, < 0.80A @ 230Vac
Efficiency at 100% Load
> 90.0% @ 115Vac & 230Vac
Max Power Dissipation
0% load
< 0.5W @ 115Vac & 230Vac
100% load
< 7.4W @ 115Vac & 230Vac
Max Inrush Current (Cold Start)
< 20A @ 115Vac, < 35A @ 230Vac
Leakage Current
< 1mA @ 240Vac
*Safety approval according to IEC/EN/UL 60950-1.
Output Ratings / Characteristics**
Nominal Output Voltage
24Vdc
Factory Set Point Tolerance
24Vdc ± 2%
Output Voltage Adjustment Range
24-28Vdc
Output Current
2.50A (continuously operating at 24V)
3.75A (Power Boost for 5 seconds at 24V, refer to the details in
the Functions section)
Output Power
60W (continuously operating at 24V)
90W (Power Boost for 5 seconds at 24V, refer to the details in
the Functions section)
Line Regulation
< 0.5% typ. (@ 85-264Vac input, 100% load)
Load Regulation
< 1% typ. (@ 85-264Vac input, 0-100% load)
PARD*** (20MHz)
< 150mVpp
Rise Time
< 100ms @ nominal input (100% load)
Start-up Time
< 2,000ms @ nominal input (100% load)
Hold-up Time
> 20ms @ 115Vac (100% load)
> 125ms @ 230Vac (100% load)
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 5% @ 85-264Vac input, 0-100% load
(Slew Rate: 0.1A/μS, 50% duty cycle @ 50Hz to 1KHz)
Start-up with Capacitive Loads
8,000µF Max
**For power de-rating from 50°C to 80°C, see power de-rating on page 3.
***PARD is measured with an AC coupling mode, 5cm wires, and in parallel with 0.1μF ceramic capacitor & 47μF electrolytic capacitor.


Similar Part No. - DRP024V060W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V060W1BA DELTA-DRP024V060W1BA Datasheet
583Kb / 14P
   60W 1Phase CliQ ll DIN Rail
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
logo
Powerbox
DRP024V060W1BN POWERBOX-DRP024V060W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP024V060W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
   Universal AC input voltage range
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
   Universal AC input voltage range
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com