Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2_000A1 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # R2_000A1
Description  SURFACE MOUNTSWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

R2_000A1 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc. R2_000A1 Datasheet HTML 5Page - Pan Jit International Inc. R2_000A1 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
May 24,2016­REV.01
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 5K per 7" plastic Reel
MMBD914WS
­AU


Similar Part No. - R2_000A1

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
R2000 YFWDIODE-R2000 Datasheet
633Kb / 3P
   0.5/0.2Amp High Voltage Rectifier
logo
Zowie Technology Corpor...
R2000 ZOWIE-R2000 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
R2000 SEMTECH_ELEC-R2000 Datasheet
278Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
R2000 SHUNYE-R2000 Datasheet
233Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R2000 YFWDIODE-R2000 Datasheet
524Kb / 3P
   0.5/0.2Amp High Voltage Rectifier
More results

Similar Description - R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD914WS PANJIT-MMBD914WS Datasheet
142Kb / 4P
   SURFACE MOUNTSWITCHING DIODES
logo
Cystech Electonics Corp...
MF400XSL CYSTEKEC-MF400XSL Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
logo
Nanjing International G...
1SMA4728A DGNJDZ-1SMA4728A Datasheet
81Kb / 2P
   SURFACE MOUNTZENER DIODES
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
   High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
Hi-Sincerity Mocroelect...
HMM4148 HSMC-HMM4148 Datasheet
36Kb / 3P
   SURFACE MOUNT SITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com