Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90224 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MLX90224
Description  DUAL HALL EFFECT LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90224 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MLX90224 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90224 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90224 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90224 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90224 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90224 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90224 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90224 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MLX90224 Dual Hall Effect Latch
Rev 1.2
8/May/99
Page 2

   
  ! " 
DC Operating Parameters TA = -40
oC to 150oC, VDD = 4.5V to 28V (Unless otherwise specified)

 




 

 




  





  




 

  



 




 !
 
  

µ
"# $ % #
$
& '( ) 
& '( 


!*+
!*+
, - ". /
& '( ) 
& '( 


µ"
µ"

  ! " 
DC Operating Parameters TA = -40
oC to 150oC, VDD = 4.5V to 28V (Unless otherwise specified)

 




  0

& '( ) 
& '( 





1
/
/
,  " 0

& '( ) 
& '( 
2
3


2
1
/
/
*"  ""

& '( ) 
& '( 
3





/
/
# $1mT=10Gauss
Melexis Inc. reserves the right to make changes without further notice to any products herein to improve reliability, function or design. Melexis does not
assume any liability arising from the use of any product or application of any product or circuit described herein.


Similar Part No. - MLX90224

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224 Datasheet
245Kb / 10P
   Dual Hall Effect Switch
MLX90224EVA-ABA-000-BU MELEXIS-MLX90224EVA-ABA-000-BU Datasheet
486Kb / 10P
   Dual Hall Effect Latch
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
More results

Similar Description - MLX90224

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
   Hall Effect Latch
logo
Major-Power Technology ...
MA7080 MPOWER-MA7080 Datasheet
166Kb / 2P
   Dual-Channel Output Hall Effect Latch
Rev.0.4
logo
Diodes Incorporated
AH1751 DIODES-AH1751 Datasheet
122Kb / 6P
   HALL EFFECT LATCH
AH1751 Rev. 1 - 2
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
   HALL EFFECT LATCH
AH1751 Rev. 4
logo
Melexis Microelectronic...
MLX92251 MELEXIS-MLX92251 Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction
logo
Allegro MicroSystems
A1262 ALLEGRO-A1262 Datasheet
2Mb / 17P
   2D, Dual-Channel, Ultrasensitive Hall-Effect Latch
logo
Feeling Technology Corp...
FS41 FEELING-FS41 Datasheet
101Kb / 7P
   Single Hall Effect Latch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com