Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D22042LV Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # D22042LV
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

D22042LV Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button D22042LV Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. D22042LV Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. D22042LV Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. D22042LV Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. D22042LV Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. D22042LV Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. D22042LV Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. D22042LV Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. D22042LV Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Series D2
PCB Mount Miniature Toggles
A30
A
www.nkkswitches.com
(0.8) Dia Typ
.031
(2.54)
.100
(15.24)
.600
(0.9)
.035
(3.5)
.138
(0.5)
.020
(6.6)
.260
(0.4)
.016
(6.2) Dia
.244
(5.1) Dia
.201
(6.2) Dia
.244
(0.8) Dia Typ
.031
(2.54)
.100
(7.7)
.303
(15.24)
.600
(2.8) Dia
.110
(10.5)
.413
(0.9)
.035
(0.4)
.016
(3.5)
.138
(0.5)
.020
(15.24)
.600
(0.9)
.035
(0.4)
.016
(0.8) Dia
.031
(3.5)
.138
(6.6)
.260
(6.2) Dia
.244
(5.1) Dia
.201
Keyway
(5.08)
.200
(3.5)
.138
(0.7) Typ
.028
(0.3)
.012
Right Angle PC • Single Pole
D22012LH
Actuator in Down Position
Right Angle PC • Double Pole
D22022LH
Actuator in Down Position
D22012H
D22022H
12
3
6
5
4
(14.4)
.567
(12.4)
.488
(0.3)
.012
(0.3)
.012
(5.08) Typ
.200
Keyway
(5.08)
.200
(3.5)
.138
(0.7) Typ
.028
(0.3)
.012
Keyway
(5.08)
.200
(0.7) Typ
.028
(0.3)
.012
(3.5)
.138
(6.2) Dia
.244
(7.7)
.303
(15.24)
.600
(2.8) Dia
.110
(10.5)
.413
(0.9)
.035
(0.4)
.016
(0.8) Dia
.031
(3.5)
.138
(7.0)
.276
3
2
1
(0.3)
.012
(0.3)
.012
(14.4)
.567
(5.08) Typ
.200
Keyway
(5.08)
.200
(0.7) Typ
.028
(0.3)
.012
(3.5)
.138
(5.08) Typ
.200
(1.0) Dia Typ
.039
1
2
3
(15.24)
.600
(2.54) Typ
.100
(5.08) Typ
.200
(1.0) Dia Typ
.039
1
2
3
(15.24)
.600
(2.54) Typ
.100
4
5
6
(2.54)
.100
TYPICAL SWITCH DIMENSIONS


Similar Part No. - D22042LV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
D2204 TOSHIBA-D2204 Datasheet
138Kb / 5P
   Silicon NPN Triple Diffused Type
logo
Seme LAB
D2204UK SEME-LAB-D2204UK Datasheet
36Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 12.5V - 900MHz SINGLE ENDED
More results

Similar Description - D22042LV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com