Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-1208 Datasheet(PDF) 3 Page - Soberton Inc.

Part # SP-1208
Description  Dynamic Speaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

SP-1208 Datasheet(HTML) 3 Page - Soberton Inc.

  SP-1208 Datasheet HTML 1Page - Soberton Inc. SP-1208 Datasheet HTML 2Page - Soberton Inc. SP-1208 Datasheet HTML 3Page - Soberton Inc. SP-1208 Datasheet HTML 4Page - Soberton Inc. SP-1208 Datasheet HTML 5Page - Soberton Inc. SP-1208 Datasheet HTML 6Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: SP-1208
PRODUCT: Dynamic Speaker
EDITION: A/2016
TEST METHOD
SPL AND FREQUENCY RESPONSE CURVE
The loudspeaker in 0.5cc box shall be mounted in specified baffle, the measuring microphone shall be free-field microphone and
placed at specified distance from DUT, on axis. The drive power is 0.4Watts, and swept sine-wave range is 20Hz to 20kHz with a
R40 of test sequence.
THD
Tested per Section 9.1 and driven at 0.25Watts , sweep at specified frequency range with R40 test sequence.
Figure 3 Test setup
Speaker Measurement Circuit
RELIABILITY TESTS
The sound pressure as specified shall neither deviate more than ±3dB from the initial value, nor have any significant damage after any of
following testing.
HIGH TEMPERATURE TEST
high temperature
+75±2oC
duration
96 hours
LOW TEMPERATURE TEST
low temperature
25±2oC
duration
96 hours
HEAT SHOCK TEST (See in Fig. 4)
high temperature
+75±2oC
low temperature
-40±2oC
changeover time
< 30 seconds
duration
1 hour
cycle
10
HUMIDITY TEST
temperature
+40±2oC
relative humidity
90~95%
duration
48 hours
PAGE 3/6
MT-1000
display


Similar Part No. - SP-1208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-1200 ETC2-SP-1200 Datasheet
571Kb / 2P
   Thermal Impedance: 0.53oC-in2/W
logo
Sipex Corporation
SP-1204 SIPEX-SP-1204 Datasheet
379Kb / 4P
   Component count summary
More results

Similar Description - SP-1208

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
   Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
   Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
   Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
   Dynamic Speaker
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
   Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
   Dynamic Speaker
SP-1605 SOBERTON-SP-1605 Datasheet
215Kb / 5P
   Dynamic Speaker
SP-7140-2 SOBERTON-SP-7140-2 Datasheet
515Kb / 6P
   Dynamic Speaker
SP-6619 SOBERTON-SP-6619 Datasheet
432Kb / 6P
   Dynamic Speaker
SP-2605 SOBERTON-SP-2605 Datasheet
429Kb / 5P
   Dynamic Speaker
SP-1813S SOBERTON-SP-1813S_16 Datasheet
400Kb / 5P
   Dynamic Speaker
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com