Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR08B Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MCR08B
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR08B Datasheet(HTML) 5 Page - ON Semiconductor

  MCR08B Datasheet HTML 1Page - ON Semiconductor MCR08B Datasheet HTML 2Page - ON Semiconductor MCR08B Datasheet HTML 3Page - ON Semiconductor MCR08B Datasheet HTML 4Page - ON Semiconductor MCR08B Datasheet HTML 5Page - ON Semiconductor MCR08B Datasheet HTML 6Page - ON Semiconductor MCR08B Datasheet HTML 7Page - ON Semiconductor MCR08B Datasheet HTML 8Page - ON Semiconductor MCR08B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MCR08B, MCR08M
http://onsemi.com
5
80
20
–40
–20
0
40
60
110
80
20
–40
–20
0
40
60
110
1000
100
1.0
0.7
1000
10
0.1
IGT, GATE TRIGGER CURRENT (µA)
1.0
100
TJ, JUNCTION TEMPERATURE (°C)
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
VAK = 12 V
RL = 100 Ω
TJ = 25°C
10
2.0
1.0
0
TJ, JUNCTION TEMPERATURE, (°C)
TJ, JUNCTION TEMPERATURE, (°C)
0.7
0.6
0.5
0.4
80
20
–40
–20
0
40
60
110
0.3
1.0
0.1
0.01
100
0.1
0.0001
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
1.0
0.5
0.3
0.2
0.1
0
0.9
0.8
0.7
0.5
0.4
0.3
0.2
0.1
0.4
0.6
Figure 8. Power Dissipation
Figure 9. Thermal Response Device
Mounted on Figure 1 Printed Circuit Board
t, TIME (SECONDS)
dc
180
°
α = 30°
60
°
0
0.001
0.01
1.0
10
RGK = 1000 Ω, RESISTOR
CURRENT INCLUDED
WITHOUT GATE RESISTOR
VAK = 12 V
RL = 100 Ω
α
α = CONDUCTION
ANGLE
VAK = 12 V
RL = 3.0 kΩ
90
°
120
°
Figure 10. Typical Gate Trigger Voltage
versus Junction Temperature
Figure 11. Typical Normalized Holding Current
versus Junction Temperature
Figure 12. Typical Range of VGT
versus Measured IGT
Figure 13. Typical Gate Trigger Current
versus Junction Temperature
VAK = 12 V
RL = 100 Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MCK100-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor
MCR100 SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1  2  3  4  Unisonic Technologies
S4060 10 AMPERE SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1  2  3  4  List of Unclassifed Manufacturers
MCK22-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  List of Unclassifed Manufacturers
MCR100 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
C106 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
MCR106 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  ON Semiconductor
MCR72-3 SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1  2  3  4  ON Semiconductor
2N5061RLR Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
MCR101 SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1  2  3  4  Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn