Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB095N10KRL3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTB095N10KRL3
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB095N10KRL3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTB095N10KRL3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB095N10KRL3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB095N10KRL3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB095N10KRL3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB095N10KRL3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB095N10KRL3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB095N10KRL3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB095N10KRL3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB095N10KRL3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C714L3
Issued Date : 2017.06.19
Revised Date :
Page No. : 5/9
MTB095N10KRL3
Preliminary
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.5
0.7
0.9
1.1
1.3
1.5
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
ID, Drain Current(A)
Pulsed
Ta=25°C
VDS=15V
VDS=10V
Gate Charge Characteristics
0
2
4
6
8
10
02
4
6
Qg, Total Gate Charge(nC)
8
VDS=50V
VDS=80V
ID=2A
Maximum Safe Operating Area
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
RDS(ON)
Limited
DC
10ms
100ms
1ms
100
μs
10
μs
TA=25°C, Tj=150°C,
RθJA=50°C/W,
Single Pulse
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
VGS=10V, RθJA=50°C/W


Similar Part No. - MTB095N10KRL3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
414Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB095N10KRL3-0-T3-G CYSTEKEC-MTB095N10KRL3-0-T3-G Datasheet
414Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3_17 Datasheet
414Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB095N10KRL3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com