Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3110 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # MC3110
Description  Pilot??Motion Processor
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC3110 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button MC3110 Datasheet HTML 73Page - List of Unclassifed Manufacturers MC3110 Datasheet HTML 74Page - List of Unclassifed Manufacturers MC3110 Datasheet HTML 75Page - List of Unclassifed Manufacturers MC3110 Datasheet HTML 76Page - List of Unclassifed Manufacturers MC3110 Datasheet HTML 77Page - List of Unclassifed Manufacturers MC3110 Datasheet HTML 78Page - List of Unclassifed Manufacturers MC3110 Datasheet HTML 79Page - List of Unclassifed Manufacturers MC3110 Datasheet HTML 80Page - List of Unclassifed Manufacturers MC3110 Datasheet HTML 81Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
MC3110 Technical Specifications
78
7.10 16-bit A/D Input
The interface between the MC3110 chip and a 16 bit A/D converter as a parallel input position
device is shown in the following figure.
Comments on Schematic
The schematic shows a 16 bit A/D used to provide parallel position input. The 374 registers are
required on the output of the A/D converters to make the 68-nanosecond access time of the CP.
The worst-case timing of the A/D’s specify 83 nanoseconds for data on the bus and 83 nanoseconds
from data to tri-state on the bus. Each time the data is read the 169 counter is set to 703 decimal.
This provides a 35.2-microsecond delay before the next conversion. With a 10-microsecond
conversion time the data will be available for the next set of reads after 50 microseconds. The delay
is used to provide a position sample close to the actual position.


Similar Part No. - MC3110

ManufacturerPart #DatasheetDescription
logo
Lumberg
MC310-508 LUMBERG-MC310-508 Datasheet
132Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC310-508 LUMBERG-MC310-508 Datasheet
740Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC310-50802 LUMBERG-MC310-50802 Datasheet
132Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC310-50802 LUMBERG-MC310-50802 Datasheet
740Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC310-50803 LUMBERG-MC310-50803 Datasheet
132Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Similar Description - MC3110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3510 ETC1-MC3510 Datasheet
1,023Kb / 75P
   Pilot Motion Processor
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
MC2400 ETC1-MC2400 Datasheet
1Mb / 59P
   Navigator Motion Processor
MC2500 ETC1-MC2500 Datasheet
1Mb / 52P
   Navigator Motion Processor
MC2300 ETC-MC2300 Datasheet
1Mb / 59P
   Navigator Motion Processor
logo
STMicroelectronics
STI3220 STMICROELECTRONICS-STI3220 Datasheet
2Mb / 24P
   MOTION ESTIMATION PROCESSOR
logo
List of Unclassifed Man...
MC58000 ETC1-MC58000 Datasheet
443Kb / 50P
   Magellan Motion Processor
logo
Gennum Corporation
GF9331 GENNUM-GF9331 Datasheet
474Kb / 31P
   DTV/SDTV Motion Co-processor
logo
Analog Devices
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
   Motion Coprocessor
REV. B
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com