Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T521T336M016ATE045 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. T521T336M016ATE045
Description  Tantalum, Polymer Tantalum, T521, 33 uF, 20%, 16 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 45mOhms, 1.2mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521T336M016ATE045 Datasheet(HTML) 1 Page - Kemet Corporation

  T521T336M016ATE045 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 6e01da24-98f6-42a3-afd2-3e9d59312994
KEMET Part Number: T521T336M016ATE045
Tantalum, Polymer Tantalum, T521, 33 uF, 20%, 16 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 45
mOhms, 1.2mm
Dimensions
Footprint
3528
L
3.5mm +/-0.2mm
W
2.8mm +/-0.2mm
H
1.1mm +/-0.1mm
T
0.13mm REF
S
0.8mm +/-0.3mm
F
2.2mm +/-0.1mm
A
1.1mm MIN
X
0.05mm REF
Packaging Specifications
Weight: 54.84 mg
Packaging: T&R, 178mm
Packaging Quantity: 2500
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T521
Description: SMD, Polymer, Molded, Low
Profile/ESR, NonCombustible
Features: Low ESR, High Voltage
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 33 uF
Capacitance Tolerance: 20%
Voltage DC: 16 VDC (105C)
Temperature Range: -55/+105C
Dissipation Factor: 8% 120Hz 25C
Failure Rate: N/A
Resistance: 45 mOhms (100kHz 25C)
Current:
1500 mAmps (100kHz 45C),
1050 mAmps (85C), 712.5
mAmps (105C)
Leakage: 52.8 uAmps (5min 5C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn