Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE840MK5330MK03R17 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE840MK5330MK03R17
Description  Small dimensions including low profile capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE840MK5330MK03R17 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE840MK5330MK03R17 Datasheet HTML 1Page - Kemet Corporation PHE840MK5330MK03R17 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS
Compliant
rated voltage
275 VAC 50/60 Hz (ENEC)
280 VAC 50/60 Hz (UL,
cUL)
capacitance range
0.01 – 10.0 µF
capacitance tolerance
± 20% standard, ± 10% option, ± 5% on request
temperature range
–55 to +105°C
climatic category
55/105/56/B
approvals
ENEC, UL, cUL
dissipation factor
Maximum values at +23°C
C
≤ 0.1 µF 0.1µF < C ≤ 1 µF
C > 1 µF
1 kHz
0.1%
0.1%
0.1%
10 kHz
0.2%
0.4%
0.8%
100 kHz
0.6%
test voltage between
The 100% screening factory test is carried out at 2200
terminals
VDC. The voltage level is selected to meet the
requirements in applicable equipment standards. All
electrical characteristics are checked after the test.
insulation resistance
C
≤ 0.33 µF: ≥ 30 000 M
C > 0.33 µF: ≥ 10 000 s
in dc applications
Recommended voltage
≤ 760 VDC
pHE840m
• Emi suppressor, class x2, metallized polypropylene
• 0.01 – 10.0 µf, 275/280 vac, +105°c
• small dimensions including low profile capacitors
tYpiCaL appLiCations
ConstRuCtion
tECHniCaL data
For worldwide use as electromagnetic
interference suppressor in all X2 and
across-the-line applications.
Metallized polypropylene film encapsulated
with selfextinguishing epoxy resin in a box
of material recognized to UL 94 V–0.
p
d
std l
max l
b
7.5 ± 0.4
0.6
17
20
±0.4
10.0 ± 0.4
0.6
17
30
±0.4
15.0 ± 0.4
0.8
17
30
±0.4
22.5 ± 0.4
0.8
6
30
±0.4
27.5 ± 0.4
0.8
6
30
±0.4
37.5 ± 0.5
1.0
6
30
±0.7
Tolerance in lead length
< 30 mm
mm
30 mm
mm
+0
–1
+5
–0
L
H
B
p
l
∅ d
0.5
b
EnViRonmEntaL tEst data
Endurance
EN/IEC 60384-14:2005
1.25 x U
R VAC 50 Hz,
once every hour increased
to 1000 VAC for 0.1 s,
1000 h at upper rated temperature
vibration
IEC 60068–2–6
3 directions at 2 hours each,
No visible damage
Test Fc
10–55 Hz at 0.75 mm or 98 m/s2
No open or short circuit
Bump
IEC 60068–2–29
1000 bumps at
No visible damage
Test Eb
390 m/s2
No open or short circuit
change of temperature IEC 60068–2–14
Upper and lower rated
No visible damage
Test Na
temperature 5 cycles
active flammability
EN/IEC 60384-14:2005
Passive flammability
Enclosure material of
EN/IEC 60384-14:2005
UL94V–0 flammability class
humidity
IEC 60068-2-3
+40°C and
56 days
Test Ca
90 – 95% R.H.
Not for use in series with the mains.
See www.kemet.com for more information.


Similar Part No. - PHE840MK5330MK03R17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE840MK5330MK03R17 ETC2-PHE840MK5330MK03R17 Datasheet
55Kb / 3P
   New, small dimensions including low profile capacitors
logo
Kemet Corporation
PHE840MK5330MK03R17 KEMET-PHE840MK5330MK03R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
More results

Similar Description - PHE840MK5330MK03R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE850EA4100MA06R17 KEMET-PHE850EA4100MA06R17 Datasheet
409Kb / 2P
   New, small dimensions including low profile capacitors
logo
List of Unclassifed Man...
PHE840M ETC2-PHE840M Datasheet
55Kb / 3P
   New, small dimensions including low profile capacitors
logo
Willow Technologies Ltd
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Glenair, Inc.
140G104XO-0000 GLENAIR-140G104XO-0000 Datasheet
325Kb / 2P
   Small Low-Profile Box
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
   Small package dimensions
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP15TP1R0Y A-POWER-AP15TP1R0Y Datasheet
111Kb / 6P
   Small Footprint & Low Profile Package
AP2334GN A-POWER-AP2334GN_16 Datasheet
64Kb / 5P
   Small Footprint & Low Profile Package
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
AP2606AGY-HF A-POWER-AP2606AGY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com