Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8545 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8545
Description  Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8545 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8545 Datasheet HTML 1Page - Maxim Integrated Products MAX8545 Datasheet HTML 2Page - Maxim Integrated Products MAX8545 Datasheet HTML 3Page - Maxim Integrated Products MAX8545 Datasheet HTML 4Page - Maxim Integrated Products MAX8545 Datasheet HTML 5Page - Maxim Integrated Products MAX8545 Datasheet HTML 6Page - Maxim Integrated Products MAX8545 Datasheet HTML 7Page - Maxim Integrated Products MAX8545 Datasheet HTML 8Page - Maxim Integrated Products MAX8545 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX8545/MAX8546/MAX8548 are voltage-mode
pulse-width-modulated (PWM), step-down DC-DC con-
trollers ideal for a variety of cost-sensitive applications.
They drive low-cost N-channel MOSFETs for both the
high-side switch and synchronous rectifier, and require
no external current-sense resistor. These devices can
supply output voltages as low as 0.8V.
The MAX8545/MAX8546/MAX8548 have a wide 2.7V to
28V input range, and do not need any additional bias
voltage. The output voltage can be precisely regulated
from 0.8V to 0.83 x VIN. These devices can provide effi-
ciency up to 95%. Lossless short-circuit and current-limit
protection is provided by monitoring the RDS(ON) of the
low-side MOSFET. The MAX8545 and MAX8548 have a
current-limit threshold of 320mV, while the MAX8546 has
a current-limit threshold of 165mV. All devices feature
foldback-current capability to minimize power dissipation
under short-circuit condition. Pulling the COMP/EN pin
low with an open-collector or low-capacitance, open-
drain device can shut down all devices.
The MAX8545/MAX8546 operate at 300kHz and the
MAX8548 operates at 100kHz. The MAX8545/
MAX8546/MAX8548 are compatible with low-cost alu-
minum electrolytic capacitors. Input undervoltage lock-
out prevents proper operation under power-sag
operations to prevent external MOSFETs from overheat-
ing. Internal soft-start is included to reduce inrush cur-
rent. These devices are offered in space-saving 10-pin
µMAX packages.
Applications
Features
o 2.7V to 28V Input Range
o Foldback Short-Circuit Protection
o No Additional Bias Supply Needed
o 0.8V to 0.83 x VIN Output
o Up to 95% Efficiency
o Low-Cost External Components
o No Current-Sense Resistor
o All N-Channel MOSFET Design
o Adaptive Gate Drivers Eliminate Shoot-Through
o Lossless Overcurrent and Short-Circuit
Protection
o 300kHz Switching Frequency
(MAX8545/MAX8546)
o 100kHz Switching Frequency (MAX8548)
o Pin-Compatible with the MAX1967
o Thermal Shutdown
Low-Cost, Wide Input Range, Step-Down
Controllers with Foldback Current Limit
________________________________________________________________ Maxim Integrated Products
1
MAX8545
MAX8546
MAX8548
ON
OFF
OPTIONAL
BST
VIN
COMP/
EN
VL
VCC
DH
LX
DL
GND
FB
INPUT
2.7V TO 28V
OUTPUT
0.8V TO
0.9 x VIN
UP TO 6A
Typical Operating Circuit
Ordering Information
Pin Configuration appears at end of data sheet.
19-2795; Rev 0; 7/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX8545EUB
-40
°C to +85°C
10 µMAX
MAX8546EUB
-40
°C to +85°C
10 µMAX
MAX8548EUB
-40
°C to +85°C
10 µMAX
Selector Guide
PART
SWITCHING
FREQUENCY
CURRENT-LIMIT
THRESHOLD
MAX8545
300kHz
-320mV
MAX8546
300kHz
-165mV
MAX8548
100kHz
-320mV
Set-Top Boxes
Graphic Card and Video
Supplies
Desktops and Desknotes
PCI Express Power
Supplies
Telecom Power Supplies
Notebook Docking
Station Supplies
Cable Modems and
Routers
Networking Power
Supplies


Similar Part No. - MAX8545

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8545 MAXIM-MAX8545 Datasheet
305Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 2; 6/07
MAX8545 MAXIM-MAX8545 Datasheet
479Kb / 6P
   Evaluates the MAX8545, MAX8546, and MAX8548
Rev 0a; 8/03
MAX8545EUB MAXIM-MAX8545EUB Datasheet
305Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 2; 6/07
MAX8545EUB++ MAXIM-MAX8545EUB+ Datasheet
305Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 2; 6/07
MAX8545 MAXIM-MAX8545_07 Datasheet
305Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 2; 6/07
More results

Similar Description - MAX8545

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8545 MAXIM-MAX8545_07 Datasheet
305Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 2; 6/07
MAX8597 MAXIM-MAX8597 Datasheet
502Kb / 24P
   Low-Dropout, Wide-Input-Voltage, Step-Down Controllers
Rev 0; 11/04
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
Linear Technology
LT3840 LINER-LT3840_15 Datasheet
290Kb / 24P
   Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
LT3840 LINER-LT3840 Datasheet
290Kb / 24P
   Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
logo
Maxim Integrated Produc...
MAX8576 MAXIM-MAX8576 Datasheet
493Kb / 18P
   3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers
Rev 1; 6/05
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
   2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Texas Instruments
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com