Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6956 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX6956
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6956 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX6956 Datasheet HTML 19Page - Maxim Integrated Products MAX6956 Datasheet HTML 20Page - Maxim Integrated Products MAX6956 Datasheet HTML 21Page - Maxim Integrated Products MAX6956 Datasheet HTML 22Page - Maxim Integrated Products MAX6956 Datasheet HTML 23Page - Maxim Integrated Products MAX6956 Datasheet HTML 24Page - Maxim Integrated Products MAX6956 Datasheet HTML 25Page - Maxim Integrated Products MAX6956 Datasheet HTML 26Page - Maxim Integrated Products MAX6956 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port LED Display Driver and I/O Expander
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 27
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY.
5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm
FROM TERMINAL TIP.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1
SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE
ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE.
9. DRAWING CONFORMS TO JEDEC MO220.
7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION.
3. N IS THE TOTAL NUMBER OF TERMINALS.
2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES.
1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994.
NOTES:
10. WARPAGE SHALL NOT EXCEED 0.10 mm.
D
2
2
21-0141
PACKAGE OUTLINE
36, 40L THIN QFN, 6x6x0.8 mm
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)


Similar Part No. - MAX6956

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6956 MAXIM-MAX6956 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956AAI MAXIM-MAX6956AAI Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956AAI++ MAXIM-MAX6956AAI+ Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956AAX MAXIM-MAX6956AAX Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956AAX++ MAXIM-MAX6956AAX+ Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
More results

Similar Description - MAX6956

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX7300 MAXIM-MAX7300_14 Datasheet
1Mb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
MAX7300 MAXIM-MAX7300 Datasheet
348Kb / 22P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300 MAXIM-MAX7300_11 Datasheet
205Kb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX7301 MAXIM-MAX7301_06 Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com