Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8826 Datasheet(PDF) 10 Page - C-Media Electronics

Part # CM8826
Description  High Performance PCI Express Audio Processor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM8826 Datasheet(HTML) 10 Page - C-Media Electronics

Back Button CM8826 Datasheet HTML 6Page - C-Media Electronics CM8826 Datasheet HTML 7Page - C-Media Electronics CM8826 Datasheet HTML 8Page - C-Media Electronics CM8826 Datasheet HTML 9Page - C-Media Electronics CM8826 Datasheet HTML 10Page - C-Media Electronics CM8826 Datasheet HTML 11Page - C-Media Electronics CM8826 Datasheet HTML 12Page - C-Media Electronics CM8826 Datasheet HTML 13Page - C-Media Electronics CM8826 Datasheet HTML 14Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
OxygenTM Express CM8826
High Performance PCI Express Audio Processor
www.cmedia.com.tw
Copyright © C-Media Electronics Inc.
Rev. 1.0 ︱ Page 10/23
Pin Descriptions
The following table gives the pin descriptions for the Oxygen Express
TM HD CM8826. The
abbreviations used in the pin description table are explained below.
DI:
digital input signal
DO:
digital output signal
DIO:
digital bidirectional signal
AI:
analog input
PU:
pull-up with 75KΩ resistor
PD:
pull-down with 75KΩ resistor
#:
low active signal
Table 5.1 Pin description table of Oxygen Experss
TM HD CM8826
Pin No.
Pin Name
Type
Description
1
VDDRX
P
PHY VDD
2
HSIP
AI
PHY Signal
3
HSIN
AI
PHY Signal
4
GNDRX
G
PHY GND
5
REFCLK_P
AI
PHY Signal
6
REFCLK_M
AI
PHY Signal
7
VDDPLL / VDDTX P
PHY VDD
8
HSOP
AO
PHY Signal
9
HSON
AO
PHY Signal
10
GNDPLL / GNDTX G
PHY GND
11
VDDBIAS
P
PHY VDD
12
IBREF
AO
PHY Signal
13
GNDBIAS
G
PHY GND
14
VDD18
P
Digital 1.8V Power
15
DVCC
P
Digital Core power
16
GND
G
Digital Ground
17
VDD18
P
Digital 1.8V Power


Similar Part No. - CM8826

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM8828 CMEDIA-CM8828 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results

Similar Description - CM8826

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM8888 CMEDIA-CM8888 Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
CM8828 CMEDIA-CM8828 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
CM8888DMS CMEDIA-CM8888DMS Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
logo
C&K Components
CMI8788 CK-COMPONENTS-CMI8788_17 Datasheet
902Kb / 25P
   High Performance PCI Audio Processor
logo
C-Media Electronics
CMI8786 CMEDIA-CMI8786 Datasheet
1Mb / 23P
   High Performance PCI Audio Processor
CMI8787 CMEDIA-CMI8787 Datasheet
723Kb / 28P
   High Performance PCI Audio Processor
CMI8788 CMEDIA-CMI8788 Datasheet
767Kb / 29P
   High Performance PCI Audio Processor
logo
Exar Corporation
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com