Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6500B Datasheet(PDF) 6 Page - C-Media Electronics

Part # CM6500B
Description  USB Audio Sound Chip
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6500B Datasheet(HTML) 6 Page - C-Media Electronics

Back Button CM6500B Datasheet HTML 2Page - C-Media Electronics CM6500B Datasheet HTML 3Page - C-Media Electronics CM6500B Datasheet HTML 4Page - C-Media Electronics CM6500B Datasheet HTML 5Page - C-Media Electronics CM6500B Datasheet HTML 6Page - C-Media Electronics CM6500B Datasheet HTML 7Page - C-Media Electronics CM6500B Datasheet HTML 8Page - C-Media Electronics CM6500B Datasheet HTML 9Page - C-Media Electronics CM6500B Datasheet HTML 10Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CM6500 / CM6500B
USB Audio Sound Chip
www.cmedia.com.tw
Copyright © C-Media Electronics Inc.
Rev. 1.02 ︱ Page 6/16
Control Interface
 Master I2C control interface for external audio devices or EEPROM access
 Max. 14 GPIO pins can be configured via firmware programming
 GPIOs are configured as HID key and LED indicators
General
 Hardware pins for mode configuration including Headset, Speaker, Docking and Mic
 Hardware pin for A-A path enable/disable
 Only single 12MHz crystal input is required (embedded PLL function)
 Single 5V power supply (embedded 5V to 1.8V regulator for digital core, 5V to 3.3V regulator for digital IO,
5V to 3.5V regulator for analog codec)
 3.3V digital I/O pads with 5V tolerance
 Industrial standard LQFP-48 package (7x7mm)


Similar Part No. - CM6500B

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM6500B CMEDIA-CM6500B Datasheet
1Mb / 36P
   USB Audio Sound Chip
More results

Similar Description - CM6500B

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM6523B CMEDIA-CM6523B Datasheet
1,006Kb / 54P
   USB Audio Sound Chip
CM6510B CMEDIA-CM6510B Datasheet
1Mb / 42P
   USB Audio Sound Chip
CM6500 CMEDIA-CM6500 Datasheet
1Mb / 36P
   USB Audio Sound Chip
CM6502B CMEDIA-CM6502B Datasheet
670Kb / 40P
   USB Audio Sound Chip
logo
Rohm
BD3861FS ROHM-BD3861FS Datasheet
149Kb / 14P
   Audio sound controller
BH3864F ROHM-BH3864F Datasheet
45Kb / 4P
   Audio sound controller
BD3882FV ROHM-BD3882FV Datasheet
260Kb / 6P
   Audio sound controller
BD3881FV ROHM-BD3881FV_1 Datasheet
340Kb / 6P
   Audio sound controller
logo
C-Media Electronics
CM6300 CMEDIA-CM6300 Datasheet
896Kb / 32P
   USB Audio Single Chip Specification
logo
Rohm
BH3857AFV ROHM-BH3857AFV Datasheet
258Kb / 15P
   Audio sound controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com