Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6327A Datasheet(PDF) 8 Page - C-Media Electronics

Part # CM6327A
Description  USB Single-Chip Audio Solution for Mono Microphone
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6327A Datasheet(HTML) 8 Page - C-Media Electronics

Back Button CM6327A Datasheet HTML 4Page - C-Media Electronics CM6327A Datasheet HTML 5Page - C-Media Electronics CM6327A Datasheet HTML 6Page - C-Media Electronics CM6327A Datasheet HTML 7Page - C-Media Electronics CM6327A Datasheet HTML 8Page - C-Media Electronics CM6327A Datasheet HTML 9Page - C-Media Electronics CM6327A Datasheet HTML 10Page - C-Media Electronics CM6327A Datasheet HTML 11Page - C-Media Electronics CM6327A Datasheet HTML 12Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
CM6327A
USB Single-Chip Audio Solution for Mono Microphone
www.cmedia.com.tw
Copyright© C-Media Electronics Inc.
Rev. 2.0 ︱ Page 8
29
VBIAS
AO
MIC bias voltage
30
N.C.
N.C.
N.C.
31
AVDD
P
5V analog power for analog circuit
32
AVDD
P
5V analog power for analog circuit
33
AVSS
P
Analog ground
34
AVSS
P
Analog ground
35
N.C.
N.C.
N.C.
36
AVDD
P
5V Analog power for analog circuit
37
AVDD
P
5V Analog power for analog circuit
38
REGV_4V5
AO
4.5V regulator output
39
N.C.
N.C.
N.C.
40
GPI_1
DI, PU
General purpose input pin (VU)
41
GPI_2
DI, PU
General purpose input pin (VD)
42
GPIO_5
DIO
General purpose I/O pin
43
GPIO_6
DIO
General purpose I/O pin
44
GPIO_7
DIO
General purpose I/O pin
45
GPIO_8
DIO
General purpose I/O pin
46
MUTE_REC
DI, PU
HID MIC Record Mute
47
RM_Wake
DI, PU
Remote wakeup pin to make PC resume from suspend
48
DVSS
P
Digital ground


Similar Part No. - CM6327A

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM632 VCC-CM632 Datasheet
30Kb / 1P
   Base
logo
ON Semiconductor
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
More results

Similar Description - CM6327A

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM6317A CMEDIA-CM6317A Datasheet
559Kb / 24P
   USB Audio Single Chip Solution for Stereo Microphone & Line In
logo
Cypress Semiconductor
AN2720SC-01 CYPRESS-AN2720SC-01 Datasheet
243Kb / 16P
   Single-Chip USB-to-USB Networking Solution
logo
Texas Instruments
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
logo
C-Media Electronics
CM6300 CMEDIA-CM6300 Datasheet
896Kb / 32P
   USB Audio Single Chip Specification
logo
List of Unclassifed Man...
ZR36504 ETC1-ZR36504 Datasheet
298Kb / 74P
   Video & Audio Interface solution via USB
logo
ams AG
PS081 AMSCO-PS081 Datasheet
7Mb / 155P
   Single Chip Solution for Strain Gauges
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Silicon Laboratories
CP2114 SILABS-CP2114 Datasheet
420Kb / 44P
   SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com