Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1937 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1937
Description  Two-Phase Desktop CPU Core Supply Controllers with Controlled VID Change
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1937 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1937 Datasheet HTML 1Page - Maxim Integrated Products MAX1937 Datasheet HTML 2Page - Maxim Integrated Products MAX1937 Datasheet HTML 3Page - Maxim Integrated Products MAX1937 Datasheet HTML 4Page - Maxim Integrated Products MAX1937 Datasheet HTML 5Page - Maxim Integrated Products MAX1937 Datasheet HTML 6Page - Maxim Integrated Products MAX1937 Datasheet HTML 7Page - Maxim Integrated Products MAX1937 Datasheet HTML 8Page - Maxim Integrated Products MAX1937 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX1937/MAX1938/MAX1939 comprise a family of
synchronous, two-phase, step-down controllers capable
of delivering load currents up to 60A. The controllers uti-
lize Quick-PWM™ control architecture in conjunction with
active load-current voltage positioning. Quick-PWM con-
trol provides instantaneous load-step response, while
programmable voltage positioning allows the converter
to utilize full transient regulation limits, reducing the out-
put capacitance requirement. The two phases operate
180° out-of-phase with an effective 500kHz switching fre-
quency, thus reducing input and output current ripple, as
well as reducing input filter capacitor requirements.
The MAX1937/MAX1938/MAX1939 are compliant with
AMD Hammer, Intel
‚ Voltage-Regulator Module (VRM)
9.0/9.1, and AMD Athlon™ Mobile VID code specifica-
tions (see Table 1 for VID codes). The internal DAC pro-
vides ultra-high accuracy of ±0.75%. A controlled VID
voltage transition is implemented to minimize both
undervoltage and overvoltage overshoot during VID
input change.
Remote sensing is available for high output-voltage
accuracy. The MOSFET switches are driven by a 6V
gate-drive circuit to minimize switching and crossover
conduction losses to achieve efficiency as high as
90%. The MAX1937/MAX1938/MAX1939 feature cycle-
by-cycle current limit to ensure that the current limit is
not exceeded. Crowbar protection is available to pro-
tect against output overvoltage.
Applications
Notebook and Desktop Computers
Servers and Workstations
Blade Servers
High-End Switches
High-End Routers
Macro Base Stations
Features
o ±0.75% Output Voltage Accuracy
o Instant Load-Transient Response
o Up to 90% Efficiency Eliminates Heatsinks
o Up to 60A Output Current
o 8V to 24V Input Range
o User-Programmable Voltage Positioning
o Controlled VID Voltage Transition
o 500kHz Effective Switching Frequency
o MAX1937: AMD Hammer Compatible
o MAX1938: Intel VRM 9.0/9.1 Compatible
o MAX1939: AMD Athlon Mobile Compatible
o Soft-Start
o Power-Good (PWRGD) Output
o Cycle-by-Cycle Current Limit
o Output Overvoltage Protection (OVP)
o RDS(ON) or RSENSE Current Sensing
o Remote Voltage Sensing
o 28-Pin QSOP Package
Two-Phase Desktop CPU Core Supply Controllers
with Controlled VID Change
________________________________________________________________ Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
BST1
DH1
LX1
CS1
DL1
PWRGD
VLG
PGND
DL2
CS2
LX2
DH2
BST2
FB
EN
REF
GNDS
GND
ILIM
VDD
VPOS
VID4
VID3
VID2
TIME
VID1
VID0
QSOP
TOP VIEW
MAX1937
MAX1938
MAX1939
Pin Configuration
Ordering Information
19-2498; Rev 1; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX1937EEI
-40
°C to +85°C
28 QSOP
MAX1938EEI
-40
°C to +85°C
28 QSOP
MAX1939EEI
-40
°C to +85°C
28 QSOP
Quick-PWM is a trademark of Maxim Integrated Products, Inc.
Athlon is a trademark of Advanced Micro Devices, Inc.
Intel is a registered trademark of Intel Corp.
Typical Application Circuits and Functional Diagram appear
at end of data sheet.


Similar Part No. - MAX1937

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1937 MAXIM-MAX1937 Datasheet
508Kb / 9P
   a fully tested and assembled power supply Evaluation Kit
Rev 1; 5/07
More results

Similar Description - MAX1937

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Intersil Corporation
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com