Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-5630WKZ-DT-1-WW-D03 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-1-WW-D03
Description  0.4W Power Light LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-1-WW-D03 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D03 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
4/15
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
4/15
Page
Forward Voltage Characteristics at 120mA
(Ratings At 25°C Ambient)
Vf
Min.
Note : Forward Voltage is measured with an accuracy of±0.1V
White
Emission
Color
V
3.5
3.3
Max.
Typ.
Units
Chromaticity Coordinates Characteristics at 120mA
(Ratings At 25
Ambient )
Note : ±0.01 is tester tolerance.
Emission
Color
White
0.4526
0.4159
Y
X
Chromaticity Coordinates
(TYP.)
Lambertian
Emission Angle Characteristics at 120mA
(Ratings At 25°C Ambient )
White
Emission
Color
Units
Degrees
120
PART NO
LG-5630WKZ-DT-1-WW-D03
PART NO
PART NO
2.9
LG-5630WKZ-DT-1-WW-D03
LG-5630WKZ-DT-1-WW-D03
CRI
Color Rendering Index Characteristics at 120mA
(Ratings At 25°C Ambient )
White
Emission
Color
----
PART NO
LG-5630WKZ-DT-1-WW-D03
Min.
Max.
Typ.
70
----


Similar Part No. - LG-5630WKZ-DT-1-WW-D03

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-WW-D01 LIGITEK-LG-5630WKZ-DT-1-WW-D01 Datasheet
335Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-1-WW-D02 LIGITEK-LG-5630WKZ-DT-1-WW-D02 Datasheet
389Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-WW-D04 LIGITEK-LG-5630WKZ-DT-1-WW-D04 Datasheet
273Kb / 16P
   0.2W Power Light LED
More results

Similar Description - LG-5630WKZ-DT-1-WW-D03

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-P-CRH LIGITEK-LG-5630WKZ-DT-1-P-CRH Datasheet
1Mb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-CW LIGITEK-LG-5630WKZ-DT-1-CW Datasheet
225Kb / 17P
   0.4W Power Light LED
LG-5630WKZ-1-P-C-D811 LIGITEK-LG-5630WKZ-1-P-C-D811 Datasheet
393Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A04 LIGITEK-LG-5630WKZ-DT-1-P-A04 Datasheet
368Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-NW-D01 LIGITEK-LG-5630WKZ-DT-1-P-NW-D01 Datasheet
442Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A03 LIGITEK-LG-5630WKZ-DT-1-P-A03 Datasheet
343Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-WW-D02 LIGITEK-LG-5630WKZ-DT-1-WW-D02 Datasheet
389Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-WW-D02 LIGITEK-LG-5630WKZ-DT-1-P-WW-D02 Datasheet
339Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-CW-D02 LIGITEK-LG-5630WKZ-DT-1-P-CW-D02 Datasheet
266Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A10 LIGITEK-LG-5630WKZ-DT-1-P-A10 Datasheet
409Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-1-T140-P-CRH3 LIGITEK-LG-5630WKZ-1-T140-P-CRH3 Datasheet
350Kb / 15P
   0.4W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com