Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3716 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3716
Description  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3716 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3716 Datasheet HTML 18Page - Linear Technology LTC3716 Datasheet HTML 19Page - Linear Technology LTC3716 Datasheet HTML 20Page - Linear Technology LTC3716 Datasheet HTML 21Page - Linear Technology LTC3716 Datasheet HTML 22Page - Linear Technology LTC3716 Datasheet HTML 23Page - Linear Technology LTC3716 Datasheet HTML 24Page - Linear Technology LTC3716 Datasheet HTML 25Page - Linear Technology LTC3716 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC3716
2) Transition losses apply only to the topside MOSFET(s),
and are significant only when operating at high input
voltages (typically 12V or greater). Transition losses can
be estimated from:
Transition Loss
V
I
Cf
IN
OMAX
RSS
=


(. )
()
17
2
2
3) INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results from
switching the gate capacitance of the power MOSFETs.
Each time a MOSFET gate is switched from low to high to
low again, a packet of charge dQ moves from INTVCC to
ground. The resulting dQ/dt is a current out of INTVCC that
is typically much larger than the control circuit current. In
continuous mode, IGATECHG = (QT + QB), where QT and QB
are the gate charges of the topside and bottom side
MOSFETs.
Supplying INTVCCpower through the EXTVCC switch input
from an output-derived source will scale the VIN current
required for the driver and control circuits by the ratio
(Duty Factor)/(Efficiency). For example, in a 20V to 5V
application, 10mA of INTVCC current results in approxi-
mately 3mA of VIN current. This reduces the mid-current
loss from 10% or more (if the driver was powered directly
from VIN) to only a few percent.
4) The VIN current has two components: the first is the
DC supply current given in the Electrical Characteristics
table, which excludes MOSFET driver and control cur-
rents; the second is the current drawn from the differential
amplifier output. VIN current typically results in a small
(<0.1%) loss.
Other “hidden” losses such as copper trace and internal
battery resistances can account for an additional 5% to
10% efficiency degradation in portable systems. It is very
important to include these “system” level losses in the
design of a system. The internal battery and input fuse
resistance losses can be minimized by making sure that
CIN has adequate charge storage and a very low ESR at
the switching frequency. A 50W supply will typically
require a minimum of 200
µF to 300µF of output capaci-
tance having a maximum of 10m
Ω to 20mΩ of ESR. The
LTC3716 2-phase architecture typically halves the input
APPLICATIO S I FOR ATIO
and output capacitance requirements over competing
solutions. Other losses including Schottky conduction
losses during dead-time and inductor core losses gener-
ally account for less than 2% total additional loss.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in DC (resistive) load
current. When a load step occurs, VOUT shifts by an
amount equal to
∆ILOAD(ESR), where ESR is the effective
series resistance of COUT(∆ILOAD) also begins to charge or
discharge COUT generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem.
The
availability of the ITH pin not only allows optimization of
control loop behavior but also provides a DC coupled and
AC filtered closed loop response test point. The DC step,
rise time, and settling at this test point truly reflects the
closed loop response. Assuming a predominantly second
order system, phase margin and/or damping factor can be
estimated using the percentage of overshoot seen at this
pin. The bandwidth can also be estimated by examining
the rise time at the pin. The ITH external components
shown in the Figure 1 circuit will provide an adequate
starting point for most applications.
The ITH series RC-CC filter sets the dominant pole-zero
loop compensation. The values can be modified slightly
(from 0.2 to 5 times their suggested values) to optimize
transient response once the final PC layout is done and the
particular output capacitor type and value have been
determined. The output capacitors need to be decided
upon first because the various types and values determine
the loop gain and phase. An output current pulse of 20%
to 80% of full-load current having a rise time of <2
µs will
produce output voltage and ITH pin waveforms that will
give a sense of the overall loop stability without breaking
the feedback loop. The initial output voltage step resulting
from the step change in output current may not be within
the bandwidth of the feedback loop, so this signal cannot
be used to determine phase margin. This is why it is
better to look at the Ith pin signal which is in the feedback


Similar Part No. - LTC3716

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3716

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_1 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
LTC1709-9 LINER-LTC1709-9_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709 LINER-LTC1709 Datasheet
370Kb / 28P
   2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com