Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2053HDD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2053HDD
Description  Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053HDD Datasheet(HTML) 5 Page - Linear Technology

  LTC2053HDD Datasheet HTML 1Page - Linear Technology LTC2053HDD Datasheet HTML 2Page - Linear Technology LTC2053HDD Datasheet HTML 3Page - Linear Technology LTC2053HDD Datasheet HTML 4Page - Linear Technology LTC2053HDD Datasheet HTML 5Page - Linear Technology LTC2053HDD Datasheet HTML 6Page - Linear Technology LTC2053HDD Datasheet HTML 7Page - Linear Technology LTC2053HDD Datasheet HTML 8Page - Linear Technology LTC2053HDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC2053
5
2053fa
TYPICAL PERFOR A CE CHARACTERISTICS
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
0.5
1.0
1.5
2.0
2053 G01
2.5
3.0
VS = 3V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 10
G = 1
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
1
23
4
2053 G02
5
VS = 5V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 10
G = 1
INPUT COMMON MODE VOLTAGE (V)
–5
20
15
10
5
0
–5
–10
–15
–20
–3
–1
1
3
2053 G03
5
VS = ±5V
VREF = 0V
TA = 25°C
G=1000
G=10
G=1
G=100
INPUT COMMON MODE VOLTAGE (V)
20
15
10
5
0
–5
–10
–15
–20
2053 G04
0
0.5
1.0
1.5
2.0
2.5
3.0
VS = 3V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 70°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
20
15
10
5
0
–5
–10
–15
–20
1
23
4
2053 G05
5
VS = 5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = –55°C
TA = 70°C
INPUT COMMON MODE VOLTAGE (V)
–5
20
15
10
5
0
–5
–10
–15
–20
–3
–1
1
3
2053 G06
5
VS = ±5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = –55°C
TA = 70°C
INPUT COMMON MODE VOLTAGE (V)
60
40
20
0
–20
–40
–60
2053 G07
0
0.5
1.0
1.5
2.0
2.5
3.0
H-GRADE PARTS
VS = 3V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
0
60
40
20
0
–20
–40
–60
2053 G08
0
1
23
4
5
H-GRADE PARTS
VS = 5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
–5
–3
–1
1
3
2053 G09
5
100
80
60
40
20
0
–20
–40
–60
–80
–100
H-GRADE PARTS
VS = ±5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C


Similar Part No. - LTC2053HDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053HDD LINER-LTC2053HDD Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
More results

Similar Description - LTC2053HDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Texas Instruments
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com