Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3202 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3202
Description  Low Noise, High Efficiency Charge Pump for White LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3202 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3202 Datasheet HTML 2Page - Linear Technology LTC3202 Datasheet HTML 3Page - Linear Technology LTC3202 Datasheet HTML 4Page - Linear Technology LTC3202 Datasheet HTML 5Page - Linear Technology LTC3202 Datasheet HTML 6Page - Linear Technology LTC3202 Datasheet HTML 7Page - Linear Technology LTC3202 Datasheet HTML 8Page - Linear Technology LTC3202 Datasheet HTML 9Page - Linear Technology LTC3202 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC3202
3202fa
Figure 1. Current Control Mode
3202 F01
LTC3202
VOUT
FB
GND
1
µF
• • •
ILED =
VFB
RX
5, 11
3
2
RX
RX
OPERATIO
The LTC3202 uses a fractional conversion switched ca-
pacitor charge pump to boost VOUT to as much as 1.5 times
the input voltage. A two-phase nonoverlapping clock acti-
vates the charge pump switches. On the first phase of the
clock the flying capacitors are charged in series from VIN.
On the second phase of the clock they are connected in
parallel and stacked on top of VIN. This sequence of
charging and discharging the flying capacitors continues
at a free running frequency of 1.5MHz (typ).
Regulation is achieved by sensing the voltage at the FB pin
and modulating the charge pump strength based on the
error signal. The control pins, D0 and D1, program the set
point of the internal digital-to-analog converter. The regu-
lation loop will increase VOUT until FB comes to balance at
the set-point voltage. Table 1 shows the regulation voltage
as a function of D0 and D1.
Table 1. Feedback Control Voltage Settings
D1
D0
Feedback Set Point Voltage
0
0
Shutdown
0
1
0.2V
1
0
0.4V
1
1
0.6V
In shutdown mode all circuitry is turned off and the
LTC3202 draws only leakage current from the VIN supply.
Furthermore, VOUT is disconnected from VIN. The D0 and
D1 pins are CMOS inputs with a threshold voltage of
approximately 0.8V. The LTC3202 is in shutdown when a
logic low is applied to both D0 and D1. Since the D0 and D1
pins are high impedance CMOS inputs they should never
be allowed to float. To ensure that their states are defined
they must always be driven with valid logic levels.
Shutdown Current
Output voltage detection circuitry will draw a current of
5
µA when the LTC3202 is in shutdown. This current will be
eliminated when the output voltage (VOUT) is at 0V. To
ensure that VOUT is at 0V in shutdown a bleed resistor can
be used from VOUT to GND. 10k to 100k is acceptable.
Short-Circuit/Thermal Protection
The LTC3202 has built-in short-circuit current limiting as
well as over temperature protection. During short-circuit
conditions it will automatically limit its output current to
approximately 250mA. At higher temperatures, or if the
input voltage is high enough to cause excessive self
heating on-chip, thermal shutdown circuitry will
shut down the charge pump when the junction tempera-
ture exceeds approximately 160
°C. It will reenable the
charge pump once the junction temperature drops back to
approximately 155
°C. The LTC3202 will cycle in and out of
thermal shutdown indefinitely without latchup or damage
until the short-circuit on VOUT is removed.
Soft-Start
To prevent excessive current flow at VIN during start-up,
the LTC3202 has built-in soft-start circuitry. Soft-start is
achieved by increasing the amount of current available to
the output charge storage capacitor linearly over a period
of approximately 500
µs.
The soft-start feature activates any time an input, D0 or D1,
changes state. This will prevent large inrush current
during initial start-up as well as when the feedback setting
is changed from one value to the next. Note that the set
point voltage will drop to zero during the soft-start period.
Under heavy load conditions there may be observable
droop at VOUT until the soft-start circuit catches up.
Programming the LTC3202 for Voltage or Current
The LTC3202 can be configured to control either a voltage
or a current. In white LED applications the LED current is
programmed by the ratio of the feedback set point voltage
and a sense resistor as shown in Figure 1. The current of
the remaining LEDs is controlled by virtue of their similar-
ity to the reference LED and the ballast voltage across the
sense resistor.
(Refer to Simplified Block Diagram)


Similar Part No. - LTC3202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3202 LINER-LTC3202 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3202 LINER-LTC3202 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3202 LINER-LTC3202 Datasheet
259Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
LTC3202 LINER-LTC3202_15 Datasheet
259Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
More results

Similar Description - LTC3202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3202 LINER-LTC3202_15 Datasheet
259Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Taiwan Memory Technolog...
T6313A TMT-T6313A Datasheet
90Kb / 10P
   Low Noise, High Efficiency WhiteLED Charge Pump
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
   High Efficiency White LED Charge Pump Regulator
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com