Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1403ACMSE Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1403ACMSE
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403ACMSE Datasheet(HTML) 1 Page - Linear Technology

  LTC1403ACMSE Datasheet HTML 1Page - Linear Technology LTC1403ACMSE Datasheet HTML 2Page - Linear Technology LTC1403ACMSE Datasheet HTML 3Page - Linear Technology LTC1403ACMSE Datasheet HTML 4Page - Linear Technology LTC1403ACMSE Datasheet HTML 5Page - Linear Technology LTC1403ACMSE Datasheet HTML 6Page - Linear Technology LTC1403ACMSE Datasheet HTML 7Page - Linear Technology LTC1403ACMSE Datasheet HTML 8Page - Linear Technology LTC1403ACMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1403/LTC1403A
1403af
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
Serial 12-Bit/14-Bit, 2.8Msps
Sampling ADCs with Shutdown
s
2.8Msps Conversion Rate
s
Low Power Dissipation: 14mW
s
3V Single Supply Operation
s
2.5V Internal Bandgap Reference can be Overdriven
s
3-Wire Serial Interface
s
Sleep (10
µW) Shutdown Mode
s
Nap (3mW) Shutdown Mode
s
80dB Common Mode Rejection
s
0V to 2.5V Unipolar Input Range
s
Tiny 10-Lead MS Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Communications
s
Data Acquisition Systems
s
Uninterrupted Power Supplies
s
Multiphase Motor Control
s
Multiplexed Data Acquisition
2nd, 3rd and SFDR
vs Input Frequency
The LTC
®1403/LTC1403A are 12-bit/14-bit, 2.8Msps se-
rial ADCs with differential inputs. The devices draw only
4.7mA from a single 3V supply and come in a tiny 10-lead
MS package. A Sleep shutdown feature lowers power
consumption to 10
µW. The combination of speed, low
power and tiny package makes the LTC1403/LTC1403A
suitable for high speed, portable applications.
The 80dB common mode rejection allows users to elimi-
nate ground loops and common mode noise by measuring
signals differentially from the source.
The devices convert 0V to 2.5V unipolar inputs differen-
tially. The absolute voltage swing for +AIN and –AIN
extends from ground to the supply voltage.
The serial interface sends out the conversion results
during the 16 clock cycles following CONV
↑ for compat-
ibility with standard serial interfaces. If two additional
clock cycles for acquisition time are allowed after the data
stream in between conversions, the full sampling rate of
2.8Msps can be achieved with a 50.4MHz clock.
+
1
2
7
3
4
S & H
GND
EXPOSED PAD
LTC1403A
VREF
10
µF
AIN
AIN
+
14-BIT ADC
3V
10
µF
14
8
10
9
THREE-
STATE
SERIAL
OUTPUT
PORT
2.5V
REFERENCE
TIMING
LOGIC
VDD
SDO
CONV
SCK
1403A TA01
5
6
11
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
1403A TA02
–86
–92
–98
–104
–50
–44
THD
3rd
2nd, SFDR


Similar Part No. - LTC1403ACMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403ACMSE-1 LINER-LTC1403ACMSE-1 Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC1403ACMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1 Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com