Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW04AR117 Datasheet(PDF) 1 Page - Alpha Wire

Part # DW04AR117
Description  M12 Male 90 Degree to M12 Female
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DW04AR117 Datasheet(HTML) 1 Page - Alpha Wire

  DW04AR117 Datasheet HTML 1Page - Alpha Wire DW04AR117 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: DW04AR117
M12 Male 90 Degree to M12 Female
Drawings
Technical Data
Cordage Construction
Diameters (In)
Cordage Part Number
117
Component
2 PAIR
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.008” Wall, Nom. Polyolefin
0.040
Insulation Colors
White/Orange - Orange, White/Green -
Green
c) Pair
2/Cond Cabled Together, Staggered Lays
Cable Assembly
2 Components Cabled
a) Twists
4.8 Twists/foot (min)
Jacket
0.035” Wall, Nom. TPE
0.246
a) Color(s)
TEAL
Cord Configuration
End 1
M12 Male 90 Degree
End 2
M12 Female
Insert
Black TPU
Molded Body
Black TPU
Contact
Copper Alloy, gold plated
Coupling Nut
Copper Alloy, nickel plated
Available Lengths
0.6, 1, 3, 5, 10, 15, 20 Meters
Applicable Specifications-
Cable
UL
CMR
75°C
CSA International
CMG
75°C


Similar Part No. - DW04AR117

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DW04DR117 ALPHAWIRE-DW04DR117 Datasheet
123Kb / 2P
   M12 Male 90 Degree to M12 Male
DW04DW117 ALPHAWIRE-DW04DW117 Datasheet
122Kb / 2P
   M12 Male 90 Degree to M12 Male 90 Degree
DW04QR117 ALPHAWIRE-DW04QR117 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL355 ALPHAWIRE-DW04QR117-TL355 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
DW04QR117-TL356 ALPHAWIRE-DW04QR117-TL356 Datasheet
122Kb / 2P
   M12 Male 90 Degree to RJ45 Male
More results

Similar Description - DW04AR117

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DW04DW117 ALPHAWIRE-DW04DW117 Datasheet
122Kb / 2P
   M12 Male 90 Degree to M12 Male 90 Degree
DW04DR117 ALPHAWIRE-DW04DR117 Datasheet
123Kb / 2P
   M12 Male 90 Degree to M12 Male
DR08AW103 ALPHAWIRE-DR08AW103 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR04AW105 ALPHAWIRE-DR04AW105 Datasheet
148Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR04AW101 ALPHAWIRE-DR04AW101 Datasheet
148Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR05AW106 ALPHAWIRE-DR05AW106 Datasheet
152Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR03AW104 ALPHAWIRE-DR03AW104 Datasheet
147Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR08AW123 ALPHAWIRE-DR08AW123 Datasheet
158Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR05AW102 ALPHAWIRE-DR05AW102 Datasheet
152Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR04GW101 ALPHAWIRE-DR04GW101 Datasheet
148Kb / 2P
   M12-A Male to M8 Female 90 Degree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com