Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR08AW123 Datasheet(PDF) 1 Page - Alpha Wire

Part # DR08AW123
Description  M12-A Male to M12-A Female 90 Degree
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DR08AW123 Datasheet(HTML) 1 Page - Alpha Wire

  DR08AW123 Datasheet HTML 1Page - Alpha Wire DR08AW123 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: DR08AW123
M12-A Male to M12-A Female 90 Degree
Drawings
Technical Data
Cordage Construction
Diameters (In)
Cordage Part Number
123
Component 1
8 COND
a) Conductor
22 (26/36) AWG Bare Copper
0.027
b) Insulation
0.010” Wall, Nom. mPPE
0.047
Insulation Colors
White, Brown, Green, Yellow, Grey, Pink,
Blue & Red
Jacket
0.040” Wall, Nom. PUR, Zero Halogen
0.258
a) Color(s)
SLATE
Cord Configuration
End 1
M12-A Male
End 2
M12-A Female, 90 Degrees
Insert
Black TPU
Mold Color
Black TPU
Contact
Copper Alloy, Gold plated
Coupling Nut
Copper Alloy, Nickel plated
O-Ring
FKM
Available Lengths
0.6, 1, 3, 5, 10, 15, 20 Meters
Applicable Specifications-
Cable


Similar Part No. - DR08AW123

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR08AW103 ALPHAWIRE-DR08AW103 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female 90 Degree
More results

Similar Description - DR08AW123

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR08AW103 ALPHAWIRE-DR08AW103 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR04AW105 ALPHAWIRE-DR04AW105 Datasheet
148Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR04AW101 ALPHAWIRE-DR04AW101 Datasheet
148Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR05AW106 ALPHAWIRE-DR05AW106 Datasheet
152Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR03AW104 ALPHAWIRE-DR03AW104 Datasheet
147Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR05AW102 ALPHAWIRE-DR05AW102 Datasheet
152Kb / 2P
   M12-A Male to M12-A Female 90 Degree
DR04GW101 ALPHAWIRE-DR04GW101 Datasheet
148Kb / 2P
   M12-A Male to M8 Female 90 Degree
DR03GW100 ALPHAWIRE-DR03GW100 Datasheet
143Kb / 2P
   M12-A Male to M8 Female 90 Degree
AW0400105 ALPHAWIRE-AW0400105 Datasheet
170Kb / 2P
   M12-A Female 90 Degree
AW1200125 ALPHAWIRE-AW1200125 Datasheet
184Kb / 2P
   M12-A Female 90 Degree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com