Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1765-3.3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1765-3.3
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765-3.3 Datasheet(HTML) 4 Page - Linear Technology

  LT1765-3.3 Datasheet HTML 1Page - Linear Technology LT1765-3.3 Datasheet HTML 2Page - Linear Technology LT1765-3.3 Datasheet HTML 3Page - Linear Technology LT1765-3.3 Datasheet HTML 4Page - Linear Technology LT1765-3.3 Datasheet HTML 5Page - Linear Technology LT1765-3.3 Datasheet HTML 6Page - Linear Technology LT1765-3.3 Datasheet HTML 7Page - Linear Technology LT1765-3.3 Datasheet HTML 8Page - Linear Technology LT1765-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
4
sn1765 1765fas
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1765 G04
1.40
1.38
1.36
1.34
1.32
1.30
VIN (V)
0
5
10
15
20
25
30
1765 G05
7
6
5
4
3
2
1
0
SHDN = 0V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1765 G06
–12
–10
–8
–6
–4
–2
0
STARTING UP
SHUTTING DOWN
SHDN IP Current vs Temperature
SHDN Threshold vs Temperature
SHDN Supply Current vs VIN
TYPICAL PERFOR A CE CHARACTERISTICS
FB vs Temperature (Adj)
Oscillator Frequency
Switch On Voltage Drop
TEMPERATURE (
°C)
–50
100
1765 G01
050
1.220
1.215
1.210
1.205
1.200
1.195
1.190
1.185
1.180
–25
25
75
125
SWITCH CURRENT (A)
1
350
300
250
200
150
100
50
0
0
1765 G02
23
TA = 125°C
TA = –40°C
TA = 25°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1765 G03
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10


Similar Part No. - LT1765-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results

Similar Description - LT1765-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-5 LINER-LT1765EFE-5 Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-2.5 LINER-LT1765-2.5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com