Electronic Components Datasheet Search |
|
SB2100 Datasheet(PDF) 1 Page - Nanjing International Group Co |
|
SB2100 Datasheet(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page 2.0 A M P SC HO TTKY BA RRIER REC TIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 2.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) A A V mA mA pF NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.34 grams S B220 S B2200 THRU VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere Typical Thermal Resistance R JA (Note 2) θ 2.0 50 0.5 20 35 -65 +150 -65 +150 0.55 0.70 170 SB220 SB240 SB260 SB280 SB2100 SB2150 SB2200 UNITS 20 40 60 80 100 150 200 V 20 40 60 80 100 150 200 V 14 28 42 56 70 105 140 V V 0.85 Operating Storage Temperature Range TSTG Temperature Range TJ C C C/W *BothnormalandPbfree productareavailable: *Normal:80~95%Sn,5~20%Pb *Pbfree:99SnabovecanmeetRohsenviromentsubstance directiverequest Dimensions in inches and (millimeters) DO-15 1.0(25.4) MIN. 1.0(25.4) MIN. .300(7.6) .230(5.8) .031(.8) .024(.6) DIA. .140(3.6) .104(2.6) DIA. -65 +125 |
Similar Part No. - SB2100 |
|
Similar Description - SB2100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |