Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R73IN2470AA30J Datasheet(PDF) 2 Page - Kemet Corporation

Part # R73IN2470AA30J
Description  R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R73IN2470AA30J Datasheet(HTML) 2 Page - Kemet Corporation

  R73IN2470AA30J Datasheet HTML 1Page - Kemet Corporation R73IN2470AA30J Datasheet HTML 2Page - Kemet Corporation R73IN2470AA30J Datasheet HTML 3Page - Kemet Corporation R73IN2470AA30J Datasheet HTML 4Page - Kemet Corporation R73IN2470AA30J Datasheet HTML 5Page - Kemet Corporation R73IN2470AA30J Datasheet HTML 6Page - Kemet Corporation R73IN2470AA30J Datasheet HTML 7Page - Kemet Corporation R73IN2470AA30J Datasheet HTML 8Page - Kemet Corporation R73IN2470AA30J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3037_R73 • 1/20/2016
2
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
15
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
SE
Ammo Pack
H
0= 18.5+/-0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
GY
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
18+1/-1
JM
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag)–Long Leads
25+2/-1
50
27.5
Standard Lead and Packaging Options
Bulk (Tray) – Straight Leads
4+2/-0
SE
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
18+1/-1
JM
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50
37.5
Standard Lead and Packaging Options
Bulk (Tray) – Straight Leads
4+2/-0
SE
Other Lead and Packaging Options
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
18+1/-1
JM
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50


Similar Part No. - R73IN2470AA30J

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7311 HAMAMATSU-R7311 Datasheet
70Kb / 2P
   PHOTOMULTIPLIER TUBES
logo
3M Electronics
R7359 3M-R7359 Datasheet
29Kb / 3P
   Repulpable Splittable Flying Splice Tapes
R7359 3M-R7359 Datasheet
341Kb / 2P
   Splittable Flying Splice Tapes for Flexographic Printers
R7369 3M-R7369 Datasheet
29Kb / 3P
   Repulpable Splittable Flying Splice Tapes
logo
Kemet Corporation
R73PI21004000J KEMET-R73PI21004000J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=15 mm
More results

Similar Description - R73IN2470AA30J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73UI02204000J KEMET-R73UI02204000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 220 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI04704000J KEMET-R73UI04704000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 470 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01004000J KEMET-R73UI01004000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 100 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01504000J KEMET-R73UI01504000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 150 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
PFR5101J63J11L4BULK KEMET-PFR5101J63J11L4BULK Datasheet
396Kb / 12P
   PFR Series Polypropylene Film/Foil, Radial
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73TN2100SE00J KEMET-R73TN2100SE00J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
R73UI03304000J KEMET-R73UI03304000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 330 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R73RI12204000J KEMET-R73RI12204000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 2200 pF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
R73TR24704000J KEMET-R73TR24704000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com