Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R73RI2470AA30J Datasheet(PDF) 8 Page - Kemet Corporation

Part # R73RI2470AA30J
Description  R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R73RI2470AA30J Datasheet(HTML) 8 Page - Kemet Corporation

Back Button R73RI2470AA30J Datasheet HTML 4Page - Kemet Corporation R73RI2470AA30J Datasheet HTML 5Page - Kemet Corporation R73RI2470AA30J Datasheet HTML 6Page - Kemet Corporation R73RI2470AA30J Datasheet HTML 7Page - Kemet Corporation R73RI2470AA30J Datasheet HTML 8Page - Kemet Corporation R73RI2470AA30J Datasheet HTML 9Page - Kemet Corporation R73RI2470AA30J Datasheet HTML 10Page - Kemet Corporation R73RI2470AA30J Datasheet HTML 11Page - Kemet Corporation R73RI2470AA30J Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3037_R73 • 1/20/2016
8
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Environmental Test Data
Damp Heat, Steady
State Test
Test Conditions:
Performances
Temperature:
Relative humidity (RH):
Test duration:
+40°C±2°C
93% ± 2%
56 days
│ΔC/C│≤2%,
Δtanδ≤0.0005@1kHz
IRaftertest≥50%ofinitiallimit
Endurance Test
Test Conditions
Performances
Temperature:
Voltage applied:
Test duration:
+85°C±2°C
1.5 x V
R (DC)
1,000 hours
│ΔC/C│≤2%,
Δtanδ≤0.0005@1kHz
IRaftertest≥50%ofinitiallimit
Resistance to Soldering
Heat Test
Test Conditions
Performances
Solder bath temperature:
Dipping time (with heat
screen):
260°C±5°C
10 seconds ±1 second
│ΔC/C│≤1%,
Δtanδ≤0.003@1kHz
IRaftertest≥initiallimit
Environmental Compliance
All KEMET pulse capacitors are RoHS Compliant.
Table 1 – Ratings & Part Number Reference
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) J = 5%, K = 10%
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing (p)
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
100
63
0.047
5.0
11.0
18.0
15.0
2,400
480,000
73EI2470(1)00(2)
R73EI2470(1)00(2)
100
63
0.068
6.0
12.0
18.0
15.0
2,400
480,000
73EI2680(1)00(2)
R73EI2680(1)00(2)
100
63
0.10
7.5
13.5
18.0
15.0
2,400
480,000
73EI3100(1)00(2)
R73EI3100(1)00(2)
100
63
0.15
10.0
16.0
18.0
15.0
2,400
480,000
73EI3150(1)00(2)
R73EI3150(1)00(2)
160
90
0.033
5.0
11.0
18.0
15.0
3,000
960,000
73GI2330(1)00(2)
R73GI2330(1)00(2)
160
90
0.047
6.0
12.0
18.0
15.0
3,000
960,000
73GI2470(1)00(2)
R73GI2470(1)00(2)
160
90
0.068
7.5
13.5
18.0
15.0
3,000
960,000
73GI2680(1)00(2)
R73GI2680(1)00(2)
160
90
0.10
10.0
16.0
18.0
15.0
3,000
960,000
73GI3100(1)00(2)
R73GI3100(1)00(2)
250
125
0.015
5.0
11.0
18.0
15.0
4,800
2,400,000
73II2150(1)00(2)
R73II2150(1)00(2)
250
125
0.022
6.0
12.0
18.0
15.0
4,800
2,400,000
73II2220(1)00(2)
R73II2220(1)00(2)
250
125
0.033
7.5
13.5
18.0
15.0
4,800
2,400,000
73II2330(1)00(2)
R73II2330(1)00(2)
250
125
0.047
10.0
16.0
18.0
15.0
4,800
2,400,000
73II2470(1)00(2)
R73II2470(1)00(2)
400
160
0.010
5.0
11.0
18.0
15.0
6,000
4,800,000
73MI2100(1)00(2)
R73MI2100(1)00(2)
400
160
0.015
6.0
12.0
18.0
15.0
6,000
4,800,000
73MI2150(1)00(2)
R73MI2150(1)00(2)
400
160
0.022
7.5
13.5
18.0
15.0
6,000
4,800,000
73MI2220(1)00(2)
R73MI2220(1)00(2)
400
160
0.033
8.5
14.5
18.0
15.0
6,000
4,800,000
73MI2330(1)00(2)
R73MI2330(1)00(2)
400
160
0.047
10.0
16.0
18.0
15.0
6,000
4,800,000
73MI2470(1)00(2)
R73MI2470(1)00(2)
630
300
0.010
5.0
11.0
18.0
15.0
11,000
13,860,000
73PI2100(1)00(2)
R73PI2100(1)00(2)
630
300
0.012
5.0
11.0
18.0
15.0
11,000
13,860,000
73PI2120(1)00(2)
R73PI2120(1)00(2)
630
300
0.015
6.0
12.0
18.0
15.0
11,000
13,860,000
73PI2150(1)00(2)
R73PI2150(1)00(2)
630
300
0.018
6.0
12.0
18.0
15.0
11,000
13,860,000
73PI2180(1)00(2)
R73PI2180(1)00(2)
630
300
0.022
7.5
13.5
18.0
15.0
11,000
13,860,000
73PI2220(1)00(2)
R73PI2220(1)00(2)
630
300
0.027
7.5
13.5
18.0
15.0
11,000
13,860,000
73PI2270(1)00(2)
R73PI2270(1)00(2)
630
300
0.033
8.5
14.5
18.0
15.0
11,000
13,860,000
73PI2330(1)00(2)
R73PI2330(1)00(2)
VDC
VAC
Capacitance
Value (µF)
B (mm) H (mm) L (mm)
Lead
Spacing (p)
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy Part Number


Similar Part No. - R73RI2470AA30J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73RI12204000J KEMET-R73RI12204000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 2200 pF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
More results

Similar Description - R73RI2470AA30J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73UI02204000J KEMET-R73UI02204000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 220 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI04704000J KEMET-R73UI04704000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 470 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01004000J KEMET-R73UI01004000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 100 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01504000J KEMET-R73UI01504000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 150 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
PFR5101J63J11L4BULK KEMET-PFR5101J63J11L4BULK Datasheet
396Kb / 12P
   PFR Series Polypropylene Film/Foil, Radial
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73TN2100SE00J KEMET-R73TN2100SE00J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
R73UI03304000J KEMET-R73UI03304000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 330 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R73RI12204000J KEMET-R73RI12204000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 2200 pF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
R73TR24704000J KEMET-R73TR24704000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com